Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3205N Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS3205N
Description  Smart Low-Side Power Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3205N Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS3205N Datasheet HTML 3Page - Infineon Technologies AG BTS3205N Datasheet HTML 4Page - Infineon Technologies AG BTS3205N Datasheet HTML 5Page - Infineon Technologies AG BTS3205N Datasheet HTML 6Page - Infineon Technologies AG BTS3205N Datasheet HTML 7Page - Infineon Technologies AG BTS3205N Datasheet HTML 8Page - Infineon Technologies AG BTS3205N Datasheet HTML 9Page - Infineon Technologies AG BTS3205N Datasheet HTML 10Page - Infineon Technologies AG BTS3205N Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
7
Rev. 1.0, 2008-09-25
Smart Low-Side Power Switch
BTS3205N
General Product CharacteristicsAbsolute Maximum Ratings
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol Limit Values Unit
Test Conditions
Min.
Max.
Voltages
4.1.1
Drain voltage
V
D
–42
V
2) V
IN = 0 V, ID = 10 mA
2) Active clamped.
4.1.2
Input Voltage
V
IN
-0.2
10
V
4.1.3
Input Current
I
IN
self limited
mA
-0.2 V <
V
IN < 10 V
4.1.4
-2
2
mA
V
IN < -0.2 V
or
V
IN > 10 V
4.1.5
Drain Current
I
D
–600
mA
3) T
j = 25 °C
3) Internally limited.
Energies
4.1.6
Unclamped single pulse inductive energy
single pulse
E
AS
065
mJ
I
D = 350 mA;
V
bb = 28 V;
T
J(start) = 85 °C
4.1.7
Unclamped single pulse inductive energy
single pulse
–30
mJ
I
D = 250 mA;
V
bb = 28 V;
T
J(start) = 150 °C
4.1.8
Unclamped repetitive pulse inductive
energy 1
×104 cycles
E
AR
018
mJ
I
D = 200 mA;
V
bb = 13.5 V;
T
J(start) = 150 °C
4.1.9
Unclamped repetitive pulse inductive
energy 1
×106 cycles
–13
mJ
I
D = 170 mA;
V
bb = 13.5 V;
T
J(start) = 150 °C
4.1.10
Total Power Dissipation
P
tot
–0.78
W
4) T
a = 85 °C
4) Device mounted on PCB according EIA/JEDEC standard JESD51-7 (4-layer FR4, 76.2 mm
× 114.3 mm with buried
planes). PCB is mounted vertical without blown air.
Temperatures
4.1.11
Operating temperature
T
J
-40
+150
°C–
4.1.12
Storage temperature
T
stg
-55
+150
°C–
ESD Susceptibility
4.1.13
Electrostatic discharge voltage 5)
5) ESD susceptibility HBM according to EIA/JESD 22-A 114B, section 4.
V
ESD
-2
2
kV
IN Pin
R = 1.5 k;
C = 100 pF;
T
J = 25 °C


Similar Part No. - BTS3205N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
More results

Similar Description - BTS3205N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com