Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS604-03I Datasheet(PDF) 1 Page - IP SEMICONDUCTOR CO., LTD.

Part # IPS604-03I
Description  High sensitive triggering levels
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPS [IP SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.ipsemiconductor.com
Logo IPS - IP SEMICONDUCTOR CO., LTD.

IPS604-03I Datasheet(HTML) 1 Page - IP SEMICONDUCTOR CO., LTD.

  IPS604-03I Datasheet HTML 1Page - IP SEMICONDUCTOR CO., LTD. IPS604-03I Datasheet HTML 2Page - IP SEMICONDUCTOR CO., LTD. IPS604-03I Datasheet HTML 3Page - IP SEMICONDUCTOR CO., LTD. IPS604-03I Datasheet HTML 4Page - IP SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IPS604-xxI
High sensitive triggering levels, the IPS6008
series SCRs is suitable for all applications, where
the available gate current is limited, such as
capacitive discharge ignitions, motor control in
kitchen aids, overvoltage crowbar protection in
low power supplies…
Symbol
Value
Unit
IT(AV)
4
A
VDRM / VRRM
600
V
IGT
≤ 200
uA
MAIN FEATURES
Parameter
Symbol
Value
Unit
Storage Junction Temperature Range
Operating Junction Temperature Range
Tstg
Tj
-40 to +150
-40 to +110
Repetitive Peak Off-state Voltage
Tj = 25℃
Repetitive Peak Reverse Voltage
Tj = 25℃
VDRM
VRRM
600
600
V
RMS on
–state current (180 conduction angle)
Tc = 35℃
IT(RMS)
4
A
Average on-state current (180 conduction angle)
Tc = 35℃
IT(AV)
2.5
A
Non repetitive surge peak on
–state Current (Tj = 25℃)
tp = 10ms
tp = 8.3ms
ITSM
30
33
A
I²t Value for fusing
tp = 10ms
I²t
4.5
A²s
Peak gate current
tp = 20us, Tj = 110 ℃
IGM
1.2
A
Average gate power dissipation
Tj = 110 ℃
PG(AV)
0.2
W
ABSOLUTE MAXIMUM RATINGS
1
IP Semiconductor Co., Ltd.
4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea
Tel : +82-70-7574-2839, Fax : +82-2-6280-6382, sales@ipsemiconductor.com


Similar Part No. - IPS604-03I

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPS604-03D IPS-IPS604-03D Datasheet
234Kb / 5P
   High sensitive triggering levels
More results

Similar Description - IPS604-03I

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPS604-03D IPS-IPS604-03D Datasheet
234Kb / 5P
   High sensitive triggering levels
IPS808-05D IPS-IPS808-05D Datasheet
286Kb / 5P
   High sensitive triggering levels
IPS808-05I IPS-IPS808-05I Datasheet
290Kb / 4P
   High sensitive triggering levels
IPS6008-03U IPS-IPS6008-03U Datasheet
231Kb / 4P
   High sensitive triggering levels
IPS608-05D IPS-IPS608-05D Datasheet
287Kb / 5P
   High sensitive triggering levels
IPS608-05I IPS-IPS608-05I Datasheet
290Kb / 4P
   High sensitive triggering levels
IPS4008-03U IPS-IPS4008-03U Datasheet
231Kb / 4P
   High sensitive triggering levels
logo
New Jersey Semi-Conduct...
X0405MF NJSEMI-X0405MF Datasheet
47Kb / 1P
   Highly sensitive triggering levels
X0402MF NJSEMI-X0402MF Datasheet
82Kb / 1P
   Highly sensitive triggering levels
logo
Maxim Integrated Produc...
MAX7438EVKIT MAXIM-MAX7438EVKIT Datasheet
186Kb / 6P
   Selectable High-Frequency Boost Levels
Rev 0; 6/03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com