Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1ED020I12-F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # 1ED020I12-F
Description  Single IGBT Driver IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

1ED020I12-F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button 1ED020I12-F Datasheet HTML 5Page - Infineon Technologies AG 1ED020I12-F Datasheet HTML 6Page - Infineon Technologies AG 1ED020I12-F Datasheet HTML 7Page - Infineon Technologies AG 1ED020I12-F Datasheet HTML 8Page - Infineon Technologies AG 1ED020I12-F Datasheet HTML 9Page - Infineon Technologies AG 1ED020I12-F Datasheet HTML 10Page - Infineon Technologies AG 1ED020I12-F Datasheet HTML 11Page - Infineon Technologies AG 1ED020I12-F Datasheet HTML 12Page - Infineon Technologies AG 1ED020I12-F Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Datasheet
9
Version 2.2, 2009-12-03
EICEDRIVERTM
1ED020I12-F
external capacitor.
CLAMP (Clamping)
Ties the gate voltage to ground after the IGBT has been
switched off at a defined voltage to avoid a parasitic switch-
on of the IGBT.During turn-off, the gate voltage is
monitored and the clamp output is activated when the gate
voltage goes below 2V (related to VEE2).
GND2
Reference ground of the output chip.
OUT (Driver output)
Output pin to drive an IGBT. The voltage is switched
between VEE2 and VCC2. In normal operating mode Vout
is controlled by IN+, IN- and /RST. During error mode
(UVLO, internal error or DESAT) Vout is set to VEE2
independent of the input control signals.
VCC2
Positive power supply pin of the output side.


Similar Part No. - 1ED020I12-F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1ED020I12-F2 INFINEON-1ED020I12-F2 Datasheet
1Mb / 28P
   Single IGBT Driver IC
Rev. 2.0, 2011-08-01
1ED020I12-F2 INFINEON-1ED020I12-F2 Datasheet
1Mb / 28P
   Single IGBT Driver IC
Rev. 2.1, 2017-09-27
1ED020I12-F2 INFINEON-1ED020I12-F2_17 Datasheet
1Mb / 28P
   Single IGBT Driver IC
Rev. 2.1, 2017-09-27
1ED020I12-FT INFINEON-1ED020I12-FT Datasheet
1Mb / 32P
   1ED020I12-FT
Rev 2.0, 2012-07-31
More results

Similar Description - 1ED020I12-F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1ED020I12-F2 INFINEON-1ED020I12-F2 Datasheet
1Mb / 28P
   Single IGBT Driver IC
Rev. 2.0, 2011-08-01
1ED020I12FTA INFINEON-1ED020I12FTA_16 Datasheet
857Kb / 31P
   Single IGBT Driver IC
Rev. 3.0 2016-04-05
1ED020I12-B2 INFINEON-1ED020I12-B2 Datasheet
1Mb / 29P
   Single IGBT Driver IC
Rev. 2.0, 2012-07-31
1ED020I12-BT INFINEON-1ED020I12-BT Datasheet
1Mb / 34P
   Single IGBT Driver IC
Rev 2.0, 2012-07-31
1ED020I12FA INFINEON-1ED020I12FA Datasheet
869Kb / 22P
   Single IGBT Driver IC
Version 2.1, Nov 2009
1ED020I12-B2 INFINEON-1ED020I12-B2_17 Datasheet
1Mb / 29P
   Single IGBT Driver IC
Rev. 2.1, 2017-09-28
1ED020I12FA2 INFINEON-1ED020I12FA2 Datasheet
1,003Kb / 27P
   Single IGBT Driver IC
Rev. 3.0 2016-04-04
1ED020I12FTA INFINEON-1ED020I12FTA Datasheet
918Kb / 27P
   Single IGBT Driver IC
Version 1.2, May 2010
1ED020I12-F2 INFINEON-1ED020I12-F2_17 Datasheet
1Mb / 28P
   Single IGBT Driver IC
Rev. 2.1, 2017-09-27
SP001054670 INFINEON-SP001054670 Datasheet
857Kb / 31P
   Single IGBT Driver IC SP001054670
Rev. 3.0 2016-04-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com