Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKB02N60 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SKB02N60
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKB02N60 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SKB02N60_07 Datasheet HTML 1Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 2Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 3Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 4Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 5Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 6Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 7Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 8Page - Infineon Technologies AG SKB02N60_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SKB02N60
2
Rev. 2.2
Oct. 07
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
RthJC
4.2
Diode thermal resistance,
junction – case
RthJCD
7
SMD version, device on PCB
1)
RthJA
40
K/W
Electrical Characteristic, at Tj = 25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V, IC=500µA
600
-
-
Collector-emitter saturation voltage
VCE(sat)
VGE = 15V, IC=2A
Tj=25°C
Tj=150°C
1.7
-
1.9
2.2
2.4
2.7
Diode forward voltage
VF
VGE=0V, IF=2.9A
Tj=25°C
Tj=150°C
1.2
-
1.4
1.25
1.8
1.65
Gate-emitter threshold voltage
VGE(th)
IC=150µA,VCE=VGE
3
4
5
V
Zero gate voltage collector current
ICES
VCE=600V,VGE=0V
Tj=25°C
Tj=150°C
-
-
-
-
20
250
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V, IC=2A
-
1.6
-
S
Dynamic Characteristic
Input capacitance
Ciss
-
142
170
Output capacitance
Coss
-
18
22
Reverse transfer capacitance
Crss
VCE=25V,
VGE=0V,
f=1MHz
-
10
12
pF
Gate charge
QGate
VCC=480V, IC=2A
VGE=15V
-
14
18
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
LE
-
7
-
nH
Short circuit collector current
2)
IC(SC)
VGE=15V,tSC≤10µs
VCC ≤ 600V,
Tj ≤ 150°C
-
20
-
A
1) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70µm thick) copper area for
collector connection. PCB is vertical without blown air.
2) Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - SKB02N60_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKB02N60 INFINEON-SKB02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
More results

Similar Description - SKB02N60_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com