Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3831WMPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3831WMPBF
Description  HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3831WMPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3831WMPBF_1 Datasheet HTML 3Page - International Rectifier IR3831WMPBF_1 Datasheet HTML 4Page - International Rectifier IR3831WMPBF_1 Datasheet HTML 5Page - International Rectifier IR3831WMPBF_1 Datasheet HTML 6Page - International Rectifier IR3831WMPBF_1 Datasheet HTML 7Page - International Rectifier IR3831WMPBF_1 Datasheet HTML 8Page - International Rectifier IR3831WMPBF_1 Datasheet HTML 9Page - International Rectifier IR3831WMPBF_1 Datasheet HTML 10Page - International Rectifier IR3831WMPBF_1 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Rev 14.0
7
IR3831WMPbF
Parameter
SYM
Test Condition
Min
TYP
MAX
Units
Thermal Shutdown
Thermal Shutdown
Note4
140
Hysteresis
Note4
20
oC
Power Good
Power Good upper
Threshold
VPG(upper)
Fb Rising
0.660
0.690
0.720
V
Upper Threshold
Delay
VPG(upper)_Dly
Fb Rising
256/Fs
S
Power Good lower
Threshold
VPG(lower)
Fb Falling
0.480
0.510
0.540
V
Lower Threshold
Delay
VPG(lower)_Dly
Fb Falling
256/Fs
S
Delay Comparator
Threshold
PG(Delay)
Relative to charge voltage, SS rising
2
2.1
2.3
V
Delay Comparator
Hysteresis
Delay(hys)
Note4
260
300
340
mV
PGood Voltage Low
PG(voltage)
IPGood=-5mA
0.5
V
Leakage Current
Ileakage
0
10
μA
Switch Node
SW=0V, Enable=0V
SW Bias Current
Isw
SW=0V,Enable=high,SS=3V,Vp=0V,
Note4
6
μA
Note3: Cold temperature performance is guaranteed via correlation using statistical quality control. Not tested in production.
Note4: Guaranteed by Design but not tested in production.
Electrical Specifications (continued)
Unless otherwise specified, these specification apply over 4.5V< V
cc<5.5V, Vp=0.6V, Vin=12V,
0oC<T
j< 125
oC. Typical values are specified at T
a = 25
oC.


Similar Part No. - IR3831WMPBF_1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3831WMPBF IRF-IR3831WMPBF_11 Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
More results

Similar Description - IR3831WMPBF_1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3832WMPBF IRF-IR3832WMPBF_1 Datasheet
721Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3832WMPBF IRF-IR3832WMPBF_11 Datasheet
740Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3832WMPBF IRF-IR3832WMPBF Datasheet
722Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831M IRF-IR3831M_15 Datasheet
939Kb / 31P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831WMPBF IRF-IR3831WMPBF_11 Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831MPBF IRF-IR3831MPBF Datasheet
939Kb / 31P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831WMPBF IRF-IR3831WMPBF Datasheet
709Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3831WM IRF-IR3831WM_15 Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3832WM IRF-IR3832WM_15 Datasheet
740Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com