Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR63-02V Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BAR63-02V
Description  Silicon PIN Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR63-02V Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BAR63-02V Datasheet HTML 6Page - Infineon Technologies AG BAR63-02V Datasheet HTML 7Page - Infineon Technologies AG BAR63-02V Datasheet HTML 8Page - Infineon Technologies AG BAR63-02V Datasheet HTML 9Page - Infineon Technologies AG BAR63-02V Datasheet HTML 10Page - Infineon Technologies AG BAR63-02V Datasheet HTML 11Page - Infineon Technologies AG BAR63-02V Datasheet HTML 12Page - Infineon Technologies AG BAR63-02V Datasheet HTML 13Page - Infineon Technologies AG BAR63-02V Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2007-04-19
10
BAR63...
Package SCD80
Package Outline
Foot Print
Marking Layout (Example)
0.3
1
2
marking
Cathode
0.8 ±0.1
±0.1
0.7
0.13
±0.05
+0.05
-0.03
0.2 M A
A
0.35
BAR63-02W
Type code
Cathode marking
Laser marking
0.7
2
0.2
0.9
0.4
4
Standard
Reel with 2 mm Pitch
Cathode
marking
Cathode
marking
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø180 mm = 8.000 Pieces/Reel (2 mm Pitch)
Reel ø330 mm = 10.000 Pieces/Reel
2005, June
Date code


Similar Part No. - BAR63-02V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR63-02V INFINEON-BAR63-02V Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
BAR63-02V INFINEON-BAR63-02V Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
BAR63-02V INFINEON-BAR63-02V Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results

Similar Description - BAR63-02V

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com