Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS3005S-02LRH Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAS3005S-02LRH
Description  Low VF Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS3005S-02LRH Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAS3005S-02LRH Datasheet HTML 1Page - Infineon Technologies AG BAS3005S-02LRH Datasheet HTML 2Page - Infineon Technologies AG BAS3005S-02LRH Datasheet HTML 3Page - Infineon Technologies AG BAS3005S-02LRH Datasheet HTML 4Page - Infineon Technologies AG BAS3005S-02LRH Datasheet HTML 5Page - Infineon Technologies AG BAS3005S-02LRH Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2009-02-02
2
BAS3005S-02LRH
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current1)
VR = 5 V
VR = 30 V
IR
-
-
-
-
15
300
µA
Forward voltage1)
IF = 0.1 mA
IF = 10 mA
IF = 200 mA
IF = 500 mA
VF
-
-
-
-
140
260
370
450
190
310
420
500
mV
AC Characteristics
Diode capacitance
VR = 5 V, f = 1 MHz
CT
-
10
15
pF
1Pulsed test: tp = 300 µs; D = 0.01


Similar Part No. - BAS3005S-02LRH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS3005A INFINEON-BAS3005A Datasheet
65Kb / 7P
   Low VF Schottky Diode
2007-04-19
BAS3005A-02V INFINEON-BAS3005A-02V Datasheet
65Kb / 7P
   Low VF Schottky Diode
2007-04-19
BAS3005A-02V INFINEON-BAS3005A-02V Datasheet
815Kb / 8P
   Low VF Schottky Diode
2008-02-11
BAS3005A02V INFINEON-BAS3005A02V Datasheet
1Mb / 35P
   Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
BAS3005A02VH6327XTSA1 INFINEON-BAS3005A02VH6327XTSA1 Datasheet
1Mb / 35P
   Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
More results

Similar Description - BAS3005S-02LRH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS3005A-02V INFINEON-BAS3005A-02V Datasheet
815Kb / 8P
   Low VF Schottky Diode
2008-02-11
logo
Central Semiconductor C...
CMLM0205 CENTRAL-CMLM0205_15 Datasheet
522Kb / 3P
   LOW VF SCHOTTKY DIODE
CMLSH05-4 CENTRAL-CMLSH05-4_15 Datasheet
441Kb / 3P
   LOW VF SCHOTTKY DIODE
CMLSH05-4DO CENTRAL-CMLSH05-4DO_15 Datasheet
507Kb / 3P
   LOW VF SCHOTTKY DIODE
logo
Infineon Technologies A...
BAS4002S-02LRH INFINEON-BAS4002S-02LRH Datasheet
796Kb / 6P
   Low VF Schottky Diode
2009-02-02
logo
Central Semiconductor C...
CMLSH2-4T CENTRAL-CMLSH2-4T Datasheet
765Kb / 4P
   LOW VF SCHOTTKY DIODE
logo
Infineon Technologies A...
BAS3010S INFINEON-BAS3010S Datasheet
62Kb / 6P
   Low VF Schottky Diode
2007-08-16
BAS3005A INFINEON-BAS3005A Datasheet
65Kb / 7P
   Low VF Schottky Diode
2007-04-19
BAS3010S-02LRH INFINEON-BAS3010S-02LRH Datasheet
791Kb / 6P
   Low VF Schottky Diode
2009-02-02
logo
Central Semiconductor C...
CPD104R CENTRAL-CPD104R Datasheet
717Kb / 2P
   Schottky Diode Low VF Schottky Diode Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com