Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3842MTR1PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR3842MTR1PBF
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3842MTR1PBF Datasheet(HTML) 2 Page - International Rectifier

  IR3842MTR1PBF Datasheet HTML 1Page - International Rectifier IR3842MTR1PBF Datasheet HTML 2Page - International Rectifier IR3842MTR1PBF Datasheet HTML 3Page - International Rectifier IR3842MTR1PBF Datasheet HTML 4Page - International Rectifier IR3842MTR1PBF Datasheet HTML 5Page - International Rectifier IR3842MTR1PBF Datasheet HTML 6Page - International Rectifier IR3842MTR1PBF Datasheet HTML 7Page - International Rectifier IR3842MTR1PBF Datasheet HTML 8Page - International Rectifier IR3842MTR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
06/18/09
2
IR3842MPbF
14
13
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND unless otherwise specified)
Vin ……………………………………………………. -0.3V to 25V
Vcc ……………….….…………….……..……….…… -0.3V to 8V (Note2)
Boot
……………………………………..……….…. -0.3V to 33V
SW
…………………………………………..……… -0.3V to 25V(DC), -4V to 25V(AC, 100ns)
Boot to SW
……..…………………………….…..….. -0.3V to Vcc+0.3V (Note1)
OCSet
………………………………………….……. -0.3V to 30V, 30mA
Input / output Pins ……………………………….. ... -0.3V to Vcc+0.3V (Note1)
PGND to GND ……………...………………………….. -0.3V to +0.3V
Storage Temperature Range ................................... -55°C To 150°C
Junction Temperature Range ................................... -40°C To 150°C (Note2)
ESD Classification …………………………… ……… JEDEC Class 1C
Moisture sensitivity level………………...………………JEDEC Level 3@260 °C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications are not implied.
Note1:
Must not exceed 8V
Note2:
Vcc must not exceed 7.5V for Junction Temperature between -10oC and -40oC
W
/
C
2
θ
W
/
C
35
θ
o
PCB
J
o
JA
=
=
-
PACKAGE INFORMATION
5mm x 6mm POWER QFN
4000
15
IR3842MTRPbF
M
750
PARTS PER
REEL
15
PIN COUNT
IR3842MTR1PbF
PACKAGE
DESCRIPTION
M
PACKAGE
DESIGNATOR
ORDERING INFORMATION
12
11
10
PGnd
15
Gnd
1
23
4
5
6
7
8
9
Seq
FB COMP Gnd Rt
SS OCSet
PGood
V
CC
Enable
Boot
VIN
SW


Similar Part No. - IR3842MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3842M IRF-IR3842M Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3842MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com