Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT63-07W Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAT63-07W
Description  Silicon Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT63-07W Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAT63-07W Datasheet HTML 1Page - Infineon Technologies AG BAT63-07W Datasheet HTML 2Page - Infineon Technologies AG BAT63-07W Datasheet HTML 3Page - Infineon Technologies AG BAT63-07W Datasheet HTML 4Page - Infineon Technologies AG BAT63-07W Datasheet HTML 5Page - Infineon Technologies AG BAT63-07W Datasheet HTML 6Page - Infineon Technologies AG BAT63-07W Datasheet HTML 7Page - Infineon Technologies AG BAT63-07W Datasheet HTML 8Page - Infineon Technologies AG BAT63-07W Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2009-03-11
5
BAT63...
Rectifier voltage Vout = ƒ (Vin)
f = 2.4GHz
RL = Parameter in kΩ
10
-1
10
0
10
1
10
2
10
3
mV
Vin
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
mV
500
200
100
50
20
Testcircuit
D.U.T
R IN
R L
C L
1nF
50 Ω
V I
V 0


Similar Part No. - BAT63-07W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT63-07W INFINEON-BAT63-07W Datasheet
889Kb / 9P
   Silicon Schottky Diode
2011-06-15
BAT63-07W INFINEON-BAT63-07W Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT63-07WE6811 INFINEON-BAT63-07WE6811 Datasheet
430Kb / 4P
   Silicon Schottky Diode
Jul-24-2002
More results

Similar Description - BAT63-07W

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com