Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP11N65C3 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SPP11N65C3
Description  New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP11N65C3 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SPP11N65C3_07 Datasheet HTML 6Page - Infineon Technologies AG SPP11N65C3_07 Datasheet HTML 7Page - Infineon Technologies AG SPP11N65C3_07 Datasheet HTML 8Page - Infineon Technologies AG SPP11N65C3_07 Datasheet HTML 9Page - Infineon Technologies AG SPP11N65C3_07 Datasheet HTML 10Page - Infineon Technologies AG SPP11N65C3_07 Datasheet HTML 11Page - Infineon Technologies AG SPP11N65C3_07 Datasheet HTML 12Page - Infineon Technologies AG SPP11N65C3_07 Datasheet HTML 13Page - Infineon Technologies AG SPP11N65C3_07 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
200
7-08-30
Rev. 2.
9
Page 10
SPP11N65C3,SPA11N65C3
SPI11N65C3
22 Avalanche power losses
PAR = f (f )
parameter: EAR=0.6mJ
10
4
10
5
10
6
Hz
f
0
50
100
150
200
W
300
21 Drain-source breakdown voltage
V
(BR)DSS = f (Tj)
23 Typ. capacitances
C = f (V
DS)
parameter: VGS=0V, f=1 MHz
0
100
200
300
400
V
600
VDS
0
10
1
10
2
10
3
10
4
10
pF
Ciss
Coss
Crss
24 Typ. Coss stored energy
Eoss=f(VDS)
0
100
200
300
400
V
600
VDS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
µJ
7.5
-60
-20
20
60
100
°C
180
Tj
585
605
625
645
665
685
705
725
745
V
785


Similar Part No. - SPP11N65C3_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP11N65C3 INFINEON-SPP11N65C3_09 Datasheet
574Kb / 15P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.91 2009-11-30
More results

Similar Description - SPP11N65C3_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPI11N60CFD INFINEON-SPI11N60CFD Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.6 2009-04-24
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
SPP16N50C3 INFINEON-SPP16N50C3_09 Datasheet
729Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.2 2009-12-22
SPB21N50C3 INFINEON-SPB21N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.3 2005-11-07
SPP07N65C3 INFINEON-SPP07N65C3_09 Datasheet
2Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 1.91 2009-07-23
SPP08N50C3 INFINEON-SPP08N50C3_09 Datasheet
732Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.91 2009-11-27
SPP16N50C3 INFINEON-SPP16N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com