Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP04N60S5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPP04N60S5
Description  New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP04N60S5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SPP04N60S5 Datasheet HTML 2Page - Infineon Technologies AG SPP04N60S5 Datasheet HTML 3Page - Infineon Technologies AG SPP04N60S5 Datasheet HTML 4Page - Infineon Technologies AG SPP04N60S5 Datasheet HTML 5Page - Infineon Technologies AG SPP04N60S5 Datasheet HTML 6Page - Infineon Technologies AG SPP04N60S5 Datasheet HTML 7Page - Infineon Technologies AG SPP04N60S5 Datasheet HTML 8Page - Infineon Technologies AG SPP04N60S5 Datasheet HTML 9Page - Infineon Technologies AG SPP04N60S5 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
200
7-08-30
Rev. 2.
6
Page 6
SPP04N60S5
5 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
5
10
15
V
25
VDS
0
2
4
A
8
6V
6.5V
7V
7.5V
8V
8.5V
9V
20V
12V
10V
9.5V
6 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
1
2
3
4
5
6
7
A 8.5
ID
1
1.5
2
2.5
3
3.5
4
m
5
20V
12V
10V
9V
8.5V
8V
7.5V
7V
6.5V
6V
7 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 2.8 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5.5
SPP04N60S5
typ
98%
8 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
2
4
6
8
10
12
14
16
V
20
VGS
0
2
4
6
8
10
12
A
16


Similar Part No. - SPP04N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N60S5 INFINEON-SPP04N60S5 Datasheet
323Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPP04N60S5 INFINEON-SPP04N60S5 Datasheet
371Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
logo
Inchange Semiconductor ...
SPP04N60S5 ISC-SPP04N60S5 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPP04N60S5 INFINEON-SPP04N60S5_09 Datasheet
371Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
More results

Similar Description - SPP04N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N60C3 INFINEON-SPP04N60C3_09 Datasheet
594Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPP15N60C3 INFINEON-SPP15N60C3_09 Datasheet
689Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-12-22
SPP07N60C3 INFINEON-SPP07N60C3_09 Datasheet
625Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-11-27
SPP20N65C3 INFINEON-SPP20N65C3_09 Datasheet
622Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-12-01
SPP03N60C3 INFINEON-SPP03N60C3_09 Datasheet
599Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPW11N80C3 INFINEON-SPW11N80C3_08 Datasheet
684Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.9 2008-10-15
SPB07N60C3 INFINEON-SPB07N60C3_05 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.5 2005-09-14
SPN01N60C3 INFINEON-SPN01N60C3_05 Datasheet
7Mb / 9P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.2 2005-02-21
SPN03N60S5 INFINEON-SPN03N60S5_05 Datasheet
4Mb / 9P
   New revolutionary high voltage technology Ultra low gate chargeExtreme dv/dt rated
Rev. 2.2 2005-02-21
SPA20N60CFD INFINEON-SPA20N60CFD_09 Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com