Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUA6045 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TUA6045
Description  Low Power 3-Band Digital TV / Portable Tuner IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6045 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TUA6045 Datasheet HTML 3Page - Infineon Technologies AG TUA6045 Datasheet HTML 4Page - Infineon Technologies AG TUA6045 Datasheet HTML 5Page - Infineon Technologies AG TUA6045 Datasheet HTML 6Page - Infineon Technologies AG TUA6045 Datasheet HTML 7Page - Infineon Technologies AG TUA6045 Datasheet HTML 8Page - Infineon Technologies AG TUA6045 Datasheet HTML 9Page - Infineon Technologies AG TUA6045 Datasheet HTML 10Page - Infineon Technologies AG TUA6045 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Data Sheet
7
Revision 3.1, 2006-12-19
TUA 6045-2
Table 1
ATSC tuners . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 2
DVB-T and analog tuners . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 3
ISDB-T tuners . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 4
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Table 5
Operating Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 6
AC/DC Characteristics,
T
A = 25°C, VCC = 3.3V . . . . . . . . . . . . . . . . . . 31
Table 7
Pin Function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Table 8
Chip Address Organization in I2C Mode . . . . . . . . . . . . . . . . . . . . . . . 42
Table 9
Address selection in I2C Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 10
Sub Addresses of Write Data Registers . . . . . . . . . . . . . . . . . . . . . . . 42
Table 11
Sub Addresses of Read Data Registers . . . . . . . . . . . . . . . . . . . . . . . 43
Table 12
Bus Data Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Table 13
Bus Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 14
Subaddress 00H, Main Divider . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Table 15
Subaddress 01H, Control Bytes. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 16
Subaddress 02H, Reference Divider R and Crystal Oscillator Control 50
Table 17
Subaddress 03H, AGC control and IF Signal Processing Control . . . . 52
Table 18
Subaddress 04H, DC-DC Converter . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 19
Subaddress 06H, Mode Bytes, Test Mode and Standby Control . . . . 55
Table 20
Subaddress 80H, Status . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Table 21
Subaddress 8EH, Chip Code “6045” . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Table 22
Subaddress 8FH, Revision Code, advanced with design steps . . . . . 58
List of Tables


Similar Part No. - TUA6045

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6041 INFINEON-TUA6041 Datasheet
909Kb / 66P
   Low Power 3-Band Digital TV / Portable Tuner IC with Digital Alignment
Revision 3.1, Dec 2006
TUA6042 INFINEON-TUA6042 Datasheet
909Kb / 66P
   Low Power 3-Band Digital TV / Portable Tuner IC with Digital Alignment
Revision 3.1, Dec 2006
More results

Similar Description - TUA6045

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6041 INFINEON-TUA6041 Datasheet
909Kb / 66P
   Low Power 3-Band Digital TV / Portable Tuner IC with Digital Alignment
Revision 3.1, Dec 2006
TUA6030 INFINEON-TUA6030 Datasheet
881Kb / 49P
   3-Band TV Tuner IC
Specification July 2001
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Texas Instruments
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761644 TI1-SN761644 Datasheet
949Kb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com