Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP08P06P Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPP08P06P
Description  P-Channel Enhancement mode Avalanche rated dv/dt rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP08P06P Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPP08P06P_09 Datasheet HTML 1Page - Infineon Technologies AG SPP08P06P_09 Datasheet HTML 2Page - Infineon Technologies AG SPP08P06P_09 Datasheet HTML 3Page - Infineon Technologies AG SPP08P06P_09 Datasheet HTML 4Page - Infineon Technologies AG SPP08P06P_09 Datasheet HTML 5Page - Infineon Technologies AG SPP08P06P_09 Datasheet HTML 6Page - Infineon Technologies AG SPP08P06P_09 Datasheet HTML 7Page - Infineon Technologies AG SPP08P06P_09 Datasheet HTML 8Page - Infineon Technologies AG SPP08P06P_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2009-04-14
Rev 1.5
Page 4
SPP08P06P G
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Unit
Values
Symbol
Parameter
min.
typ.
max.
Dynamic Characteristics
Gate to source charge
VDD = -48 , ID = -8.8 A
-
Qgs
nC
2.1
1.4
Gate to drain charge
VDD = -48 V, ID = -8.8 A
Qgd
4
6
-
15
-
Qg
Gate charge total
VDD = -48 V, ID = -8.8 A, VGS = 0 to -10 V
10
Gate plateau voltage
VDD = -48 , ID = -8.8 A
V(plateau)
-
-3.85
-
V
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
-8.8
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
-35.2
Inverse diode forward voltage
VGS = 0 V, IF = -8.8 A
VSD
-
-1.17
-1.55
V
Reverse recovery time
VR = -30 V, IF=IS , diF/dt = 100 A/µs
trr
-
60
90
ns
Reverse recovery charge
VR = -30 V, IF=lS , diF/dt = 100 A/µs
Qrr
-
100
150
nC


Similar Part No. - SPP08P06P_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP08P06PH INFINEON-SPP08P06PH Datasheet
484Kb / 10P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-08-31
logo
VBsemi Electronics Co.,...
SPP08P06PH VBSEMI-SPP08P06PH Datasheet
955Kb / 7P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SPP08P06P_09

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
logo
IXYS Corporation
IXFH80N08 IXYS-IXFH80N08 Datasheet
93Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated, High dv/dt
logo
Siemens Semiconductor G...
BSP171P SIEMENS-BSP171P Datasheet
60Kb / 5P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated Logic Level dv/dt rated)
BUZ100S SIEMENS-BUZ100S Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ102S SIEMENS-BUZ102S Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
logo
IXYS Corporation
IXFN100N25 IXYS-IXFN100N25 Datasheet
78Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low
logo
International Rectifier
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRFU010 IRF-IRFU010 Datasheet
275Kb / 8P
   AVALANCHE AND dv/dt RATED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com