Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4906K Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4906K
Description  High Precision Hall Effect Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906K Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4906K Datasheet HTML 5Page - Infineon Technologies AG TLE4906K Datasheet HTML 6Page - Infineon Technologies AG TLE4906K Datasheet HTML 7Page - Infineon Technologies AG TLE4906K Datasheet HTML 8Page - Infineon Technologies AG TLE4906K Datasheet HTML 9Page - Infineon Technologies AG TLE4906K Datasheet HTML 10Page - Infineon Technologies AG TLE4906K Datasheet HTML 11Page - Infineon Technologies AG TLE4906K Datasheet HTML 12Page - Infineon Technologies AG TLE4906K Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
7
V 2.0, 2009-01
TLE4906K
TLE4906L
Specification
3
Specification
3.1
Absolute Maximum Ratings
Table 3
Absolute Maximum Rating Parameters
Tj = -40°C to 150°C
Parameter
Symbol
Limit Values
Unit
Note / Test Condition
Min.
Max.
Supply voltage
VS
-18
-18
-18
18
24
26
V
for 1h, RS 200Ω
for 5min, RS 200Ω
Supply current through
protection device
IS
-50
50
mA
Output voltage
VQ
-0.7
-0.7
18
26
V
for 5min @ 1.2k
Ω pull up
Continuous output current
IQ
-50
50
mA
Junction temperature
Tj
155
165
175
195
°C
for 2000h (not additive)
for 1000h (not additive)
for 168h (not additive)
for 3 x 1h (additive)
Storage temperature
TS
-40
150
°C
Magnetic flux density
B
unlimited mT
Note: Stresses above the max. values listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. Maximum ratings are
absolute ratings; exceeding only one of these values may cause irreversible damage to the integrated circuit.
Table 4
ESD Protection1)
1) Human Body Model (HBM) tests according to: EOS/ESD Association Standard S5.1-1993 and Mil. Std. 883D method
3015.7
Parameter
Symbol
Limit Values
Unit
Note / Test Condition
Min.
Max.
ESD Voltage
VESD
±6
kV
HBM, R = 1.5k
Ω,
C = 100pF
TA = 25°C


Similar Part No. - TLE4906K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4906-2K INFINEON-TLE4906-2K Datasheet
1Mb / 16P
   High Precision Hall-Effect Switch
Rev 1.0, 2010-12
TLE4906-3K INFINEON-TLE4906-3K Datasheet
1Mb / 16P
   High Precision Hall-Effect Switch
Rev 1.0, 2010-12
TLE4906H INFINEON-TLE4906H Datasheet
148Kb / 10P
   High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4906H INFINEON-TLE4906H Datasheet
874Kb / 20P
   High Precision Hall-Effect Switch
V 1.1, Oct. 2005
TLE4906H INFINEON-TLE4906H_05 Datasheet
874Kb / 20P
   High Precision Hall-Effect Switch
V 1.1, Oct. 2005
More results

Similar Description - TLE4906K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4966H INFINEON-TLE4966H Datasheet
180Kb / 11P
   High Precision Hall-Effect Switch
2003-11-20
TLE4906-2K INFINEON-TLE4906-2K Datasheet
1Mb / 16P
   High Precision Hall-Effect Switch
Rev 1.0, 2010-12
TLE4906L INFINEON-TLE4906L Datasheet
156Kb / 9P
   High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4946-1L INFINEON-TLE4946-1L Datasheet
156Kb / 9P
   High Precision Hall-Effect Switch
2004-03-04
TLE4946H INFINEON-TLE4946H Datasheet
147Kb / 9P
   High Precision Hall-Effect Switch
2003-11-20
TLE4966L INFINEON-TLE4966L Datasheet
170Kb / 11P
   High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4976-1H INFINEON-TLE4976-1H Datasheet
142Kb / 9P
   High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4976L INFINEON-TLE4976L Datasheet
154Kb / 9P
   High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4906H INFINEON-TLE4906H_05 Datasheet
874Kb / 20P
   High Precision Hall-Effect Switch
V 1.1, Oct. 2005
TLE4906-3K INFINEON-TLE4906-3K Datasheet
1Mb / 16P
   High Precision Hall-Effect Switch
Rev 1.0, 2010-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com