Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS825-40B Datasheet(PDF) 1 Page - IP SEMICONDUCTOR CO., LTD.

Part # IPS825-40B
Description  silicon controlled rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPS [IP SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.ipsemiconductor.com
Logo IPS - IP SEMICONDUCTOR CO., LTD.

IPS825-40B Datasheet(HTML) 1 Page - IP SEMICONDUCTOR CO., LTD.

  IPS825-40B Datasheet HTML 1Page - IP SEMICONDUCTOR CO., LTD. IPS825-40B Datasheet HTML 2Page - IP SEMICONDUCTOR CO., LTD. IPS825-40B Datasheet HTML 3Page - IP SEMICONDUCTOR CO., LTD. IPS825-40B Datasheet HTML 4Page - IP SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IPS825-xxB
IPS825 series of silicon controlled rectifiers are
specifically designed for medium power switching and
phase control applications.
High current density due to double mesa echnology;
SIPOS and Glass passivation technology used has reliable
operation up to 125℃ junction temperature. Low Igt parts
available.
Typical applications are in rectification (softstart) and
these products are designed to be used with international
recetifier input diodes, switches and output recetifiers
which are available in identical package outlines.
Symbol
Value
Unit
IT(RMS)
25
A
VDRM / VRRM
800
V
VTM
≤ 1.6
V
MAIN FEATURES
Parameter
Symbol
Value
Unit
RMS on
–state current (Tc = 110℃, 180º conduction half sine wave)
IT(RMS)
25
A
Average on
–state current (Tc = 110℃, 180º conduction half sine wave)
IT(AV)
16
A
Storage Junction Temperature Range
Operating Junction Temperature Range
Tstg
Tj
-40 to +150
-40 to +125
Repetitive Peak Off-state Voltage
Tj = 25℃
Repetitive Peak Reverse Voltage
Tj = 25℃
VDRM
VRRM
800
800
V
Non Repetitive Peak Off-state Voltage
Tj = 25℃
Non Repetitive Peak Reverse Voltage
Tj = 25℃
VDSM
VRSM
900
900
V
One cycle Non Repetitive surge current, 10ms sine pulse, rated VRRM
applied
ITSM
250
A
One cycle Non Repetitive surge current, 10ms sine pulse, no voltage
applied
260
I²t Value for fusing, 10ms sine pulse, rated VRRM applied
I²t
310
A²s
I²t Value for fusing, 10ms sine pulse, no voltage applied
320
Critical rate of rise of turned
– on current (IG = 2 X IGT, Tj = 125℃)
dI/dt
100
A/us
Peak gate current
tp = 20us, Tj = 125℃
IGM
4
A
Average gate power dissipation
Tj = 125℃
PG(AV)
1
W
ABSOLUTE MAXIMUM RATINGS
1
TO-220B
IP Semiconductor Co., Ltd.
4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea
Tel : +82-70-7574-2839, Fax : +82-2-6280-6382, sales@ipsemiconductor.com


Similar Part No. - IPS825-40B

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPS825-40A IPS-IPS825-40A Datasheet
218Kb / 4P
   silicon controlled rectifiers
More results

Similar Description - IPS825-40B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com