Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGB02N60 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SGB02N60
Description  Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGB02N60 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SGB02N60_06 Datasheet HTML 3Page - Infineon Technologies AG SGB02N60_06 Datasheet HTML 4Page - Infineon Technologies AG SGB02N60_06 Datasheet HTML 5Page - Infineon Technologies AG SGB02N60_06 Datasheet HTML 6Page - Infineon Technologies AG SGB02N60_06 Datasheet HTML 7Page - Infineon Technologies AG SGB02N60_06 Datasheet HTML 8Page - Infineon Technologies AG SGB02N60_06 Datasheet HTML 9Page - Infineon Technologies AG SGB02N60_06 Datasheet HTML 10Page - Infineon Technologies AG SGB02N60_06 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SGB02N60
8
Rev. 2.3
Nov 06
0nC
5nC
10nC
15nC
0V
5V
10V
15V
20V
25V
480V
120V
0V
10V
20V
30V
10pF
100pF
C
rss
C
oss
C
iss
QGE, GATE CHARGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 17. Typical gate charge
(IC = 2A)
Figure 18. Typical capacitance as a
function of collector-emitter voltage
(VGE = 0V, f = 1MHz)
10V
11V
12V
13V
14V
15V
0
µs
5
µs
10
µs
15
µs
20
µs
25
µs
10V
12V
14V
16V
18V
20V
0A
10A
20A
30A
40A
VGE, GATE-EMITTER VOLTAGE
VGE, GATE-EMITTER VOLTAGE
Figure 19. Short circuit withstand time as a
function of gate-emitter voltage
(VCE = 600V, start at Tj = 25°C)
Figure 20. Typical short circuit collector
current as a function of gate-emitter voltage
(VCE ≤ 600V,Tj = 150°C)


Similar Part No. - SGB02N60_06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB02N60 INFINEON-SGB02N60 Datasheet
385Kb / 12P
   FAST IGBT IN NPT TECHNOLOGY
Jul-02
More results

Similar Description - SGB02N60_06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGP02N60 INFINEON-SGP02N60_07 Datasheet
358Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 07
SGP04N60 INFINEON-SGP04N60_07 Datasheet
347Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Sep 07
SGB06N60 INFINEON-SGB06N60_06 Datasheet
790Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGP15N60 INFINEON-SGP15N60_08 Datasheet
339Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SGB04N60 INFINEON-SGB04N60_06 Datasheet
792Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
SGB20N60 INFINEON-SGB20N60_06 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGB30N60 INFINEON-SGB30N60_09 Datasheet
382Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 05.03.2009
SGP20N60 INFINEON-SGP20N60_09 Datasheet
364Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
SGP10N60A INFINEON-SGP10N60A_09 Datasheet
353Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.5 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com