Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGB10N60A Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SGB10N60A
Description  Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGB10N60A Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SGB10N60A Datasheet HTML 2Page - Infineon Technologies AG SGB10N60A Datasheet HTML 3Page - Infineon Technologies AG SGB10N60A Datasheet HTML 4Page - Infineon Technologies AG SGB10N60A Datasheet HTML 5Page - Infineon Technologies AG SGB10N60A Datasheet HTML 6Page - Infineon Technologies AG SGB10N60A Datasheet HTML 7Page - Infineon Technologies AG SGB10N60A Datasheet HTML 8Page - Infineon Technologies AG SGB10N60A Datasheet HTML 9Page - Infineon Technologies AG SGB10N60A Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SGB10N60A
6
Rev. 2.3
July 07
0A
5A
10A
15A
20A
25A
10ns
100ns
t
r
t
d(on)
t
f
t
d(off)
0
20
40
60
80
10ns
100ns
t
r
t
d(on)
t
f
t
d(o ff)
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 9. Typical switching times as a
function of collector current
(inductive load, Tj = 150°C, VCE = 400V,
VGE = 0/+15V, RG = 25Ω,
Dynamic test circuit in Figure E)
Figure 10. Typical switching times as a
function of gate resistor
(inductive load, Tj = 150°C, VCE = 400V,
VGE = 0/+15V, IC = 10A,
Dynamic test circuit in Figure E)
0°C
50°C
100°C
150°C
10ns
100ns
t
r
t
d(o n)
t
f
t
d(off)
-50°C
0 °C
50°C
100°C
150 °C
1,0 V
1,5 V
2,0 V
2,5 V
3,0 V
3,5 V
4,0 V
4,5 V
5,0 V
5,5 V
ty p .
min .
ma x .
Tj, JUNCTION TEMPERATURE
Tj, JUNCTION TEMPERATURE
Figure 11. Typical switching times as a
function of junction temperature
(inductive load, VCE = 400V, VGE = 0/+15V,
IC = 10A, RG = 25Ω,
Dynamic test circuit in Figure E)
Figure 12. Gate-emitter threshold voltage
as a function of junction temperature
(IC = 0.3mA)


Similar Part No. - SGB10N60A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB10N60A INFINEON-SGB10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
More results

Similar Description - SGB10N60A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP02N60 INFINEON-SGP02N60_07 Datasheet
358Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 07
SGP04N60 INFINEON-SGP04N60_07 Datasheet
347Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Sep 07
SGB06N60 INFINEON-SGB06N60_06 Datasheet
790Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGP15N60 INFINEON-SGP15N60_08 Datasheet
339Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
SGB04N60 INFINEON-SGB04N60_06 Datasheet
792Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
SGB02N60 INFINEON-SGB02N60_06 Datasheet
798Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 Nov 06
SGB20N60 INFINEON-SGB20N60_06 Datasheet
795Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.2 Nov 06
SGB30N60 INFINEON-SGB30N60_09 Datasheet
382Kb / 11P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 05.03.2009
SGP20N60 INFINEON-SGP20N60_09 Datasheet
364Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
SGP10N60A INFINEON-SGP10N60A_09 Datasheet
353Kb / 12P
   Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.5 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com