Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI21N50C3 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPI21N50C3
Description  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI21N50C3 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SPI21N50C3 Datasheet HTML 3Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 4Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 9Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 10Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
20
09-12-22
Rev.
3.2
page 7
SPP21N50C3
SPI21N50C3, SPA21N50C3
9 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
5
10
15
20
25
30
A
40
ID
0.3
0.6
0.9
1.5
Vgs = 4V
Vgs = 4.5V
Vgs = 5V
Vgs = 5.5V
Vgs = 6V
Vgs = 20V
10 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 13.1 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
SPP21N50C3
typ
98%
11 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
2
4
6
V
10
VGS
0
10
20
30
40
50
A
70
Tj = 150°C
Tj = 25°C
12 Typ. gate charge
VGS = f (QGate)
parameter: ID = 21 A pulsed
0
20
40
60
80
100
nC
140
QGate
0
2
4
6
8
10
12
V
16
SPP21N50C3
0,8 VDS max
DS max
V
0,2


Similar Part No. - SPI21N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI21N50C3 INFINEON-SPI21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPI21N50C3 INFINEON-SPI21N50C3 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
logo
Inchange Semiconductor ...
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPI21N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com