Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA21N50C3 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SPA21N50C3
Description  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA21N50C3 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SPA21N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 9Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 10Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 11Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 12Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
200
9-12-22
Rev.
3.1
page 9
SPP21N50C3
SPI21N50C3, SPA21N50C3
17 Avalanche power losses
PAR = f (f )
parameter: EAR=1mJ
10
4
10
5
10
6
Hz
f
0
100
200
300
W
500
18 Typ. capacitances
C = f (VDS)
parameter: VGS=0V, f=1 MHz
0
100
200
300
V
500
VDS
0
10
1
10
2
10
3
10
4
10
5
10
pF
Ciss
Coss
Crss
19 Typ. Coss stored energy
Eoss=f(VDS)
0
50 100 150 200 250 300 350 400 V 500
VDS
0
2
4
6
µJ
10


Similar Part No. - SPA21N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
logo
Inchange Semiconductor ...
SPA21N50C3 ISC-SPA21N50C3 Datasheet
269Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA21N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com