Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD50N03S2L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPD50N03S2L
Description  N-Channel Enhancement mode Logic LevelExcellent Gate Charge x RDS(on) product (FOM)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD50N03S2L Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPD50N03S2L_08 Datasheet HTML 1Page - Infineon Technologies AG SPD50N03S2L_08 Datasheet HTML 2Page - Infineon Technologies AG SPD50N03S2L_08 Datasheet HTML 3Page - Infineon Technologies AG SPD50N03S2L_08 Datasheet HTML 4Page - Infineon Technologies AG SPD50N03S2L_08 Datasheet HTML 5Page - Infineon Technologies AG SPD50N03S2L_08 Datasheet HTML 6Page - Infineon Technologies AG SPD50N03S2L_08 Datasheet HTML 7Page - Infineon Technologies AG SPD50N03S2L_08 Datasheet HTML 8Page - Infineon Technologies AG SPD50N03S2L_08 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SPD50N03S2L-06
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VDS
0
10
20
30
40
50
60
70
80
90
100
A
120
SPD50N03S2L-06
V
GS
[V]
a
a
2.6
b
b
2.8
c
c
3.0
d
d
3.2
e
e
3.4
f
f
3.6
g
g
3.8
h
h
4.5
i
Ptot = 136W
i
10.0
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS=10V
0
10
20
30
40
50
60
70 A
85
ID
0
2
4
6
8
10
12
14
16
18
21
SPD50N03S2L-06
VGS [V] =
d
d
3.2
e
e
3.4
f
f
3.6
g
g
3.8
h
h
4.5
i
i
10.0
7 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
V
4
VGS
0
5
10
15
20
25
30
35
40
45
50
A
60
8 Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter: gfs
0
20
40
60
80
100
A
130
ID
0
10
20
30
40
50
60
70
S
90
02-09-2008
Page 5
G


Similar Part No. - SPD50N03S2L_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD50N03S2L-06 INFINEON-SPD50N03S2L-06 Datasheet
262Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
logo
VBsemi Electronics Co.,...
SPD50N03S2L-06 VBSEMI-SPD50N03S2L-06 Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
SPD50N03S2L-06G VBSEMI-SPD50N03S2L-06G Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SPD50N03S2L_08

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMP0218G LEIDITECH-LMP0218G Datasheet
1Mb / 6P
   Excellent gate charge x RDS(on) product(FOM)
logo
Infineon Technologies A...
IPP16CN10N INFINEON-IPP16CN10N Datasheet
624Kb / 12P
   OptiMOS짰2 Power-Transistor Excellent gate charge x RDS(on) product (FOM)
Rev. 1.01 2006-06-02
IPB107N20N3G INFINEON-IPB107N20N3G Datasheet
452Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.2 2009-10-21
IPB08CN10NG INFINEON-IPB08CN10NG_10 Datasheet
413Kb / 11P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.08 2010-04-26
IPP023NE7N3G INFINEON-IPP023NE7N3G Datasheet
466Kb / 10P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.11 2009-11-11
IPB108N15N3G INFINEON-IPB108N15N3G Datasheet
438Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.1 2009-12-01
IPB200N15N3 INFINEON-IPB200N15N3 Datasheet
556Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.05 2010-04-28
IPB072N15N3G INFINEON-IPB072N15N3G Datasheet
424Kb / 11P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.06 2010-04-19
IPP086N10N3G INFINEON-IPP086N10N3G Datasheet
480Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.5 2010-07-16
IPP028N08N3G INFINEON-IPP028N08N3G Datasheet
463Kb / 10P
   OptiMOS짰3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.0 2008-01-25
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com