Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPT04Q06-DEI Datasheet(PDF) 3 Page - IP SEMICONDUCTOR CO., LTD.

Part # IPT04Q06-DEI
Description  High current density due to double mesa technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPS [IP SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.ipsemiconductor.com
Logo IPS - IP SEMICONDUCTOR CO., LTD.

IPT04Q06-DEI Datasheet(HTML) 3 Page - IP SEMICONDUCTOR CO., LTD.

  IPT04Q06-DEI Datasheet HTML 1Page - IP SEMICONDUCTOR CO., LTD. IPT04Q06-DEI Datasheet HTML 2Page - IP SEMICONDUCTOR CO., LTD. IPT04Q06-DEI Datasheet HTML 3Page - IP SEMICONDUCTOR CO., LTD. IPT04Q06-DEI Datasheet HTML 4Page - IP SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGE MECHANICAL DATA
TO-251(IPAK)
3
Ref
Dimensions
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
2.2
2.4
0.086
0.095
A2
0.9
1.1
0.035
0.043
B
0.55
0.65
0.021
0.026
B2
5.1
5.4
0.200
0.212
B3
0.76
0.85
0.030
0.033
B4
0.32
0.013
C
0.45
0.62
0.017
0.024
C2
0.48
0.62
0.019
0.024
D
6
6.2
0.236
0.244
E
6.4
6.7
0.252
0.264
G
4.4
4.7
0.173
0.185
H
16
16.7
0.630
0.658
L
8.9
9.4
0.35
0.37
L1
1.8
1.9
0.071
0.075
L2
1.37
1.5
0.054
0.059
V1
4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea
Tel : +82-70-7574-2839, Fax : +82-2-6280-6382, sales@ipsemiconductor.com
IPT04Q06-xxI


Similar Part No. - IPT04Q06-DEI

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPT04Q06-DEA IPS-IPT04Q06-DEA Datasheet
226Kb / 4P
   High current density due to double mesa technology
IPT04Q06-DEB IPS-IPT04Q06-DEB Datasheet
226Kb / 4P
   High current density due to double mesa technology
IPT04Q06-DED IPS-IPT04Q06-DED Datasheet
228Kb / 5P
   High current density due to double mesa technology
More results

Similar Description - IPT04Q06-DEI

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPT04Q08-TED IPS-IPT04Q08-TED Datasheet
228Kb / 5P
   High current density due to double mesa technology
IPT08Q08-CEA IPS-IPT08Q08-CEA Datasheet
214Kb / 4P
   High current density due to double mesa technology
IPT0408-05I IPS-IPT0408-05I Datasheet
230Kb / 4P
   High current density due to double mesa technology
IPT12Q08-CEF IPS-IPT12Q08-CEF Datasheet
235Kb / 4P
   High current density due to double mesa technology
IPT20Q06-TEA IPS-IPT20Q06-TEA Datasheet
208Kb / 4P
   High current density due to double mesa technology
IPT20Q08-TEA IPS-IPT20Q08-TEA Datasheet
208Kb / 4P
   High current density due to double mesa technology
IPT08Q08-CED IPS-IPT08Q08-CED Datasheet
215Kb / 5P
   High current density due to double mesa technology
IPT0406-18F IPS-IPT0406-18F Datasheet
432Kb / 4P
   High current density due to double mesa technology
IPT0408-05D IPS-IPT0408-05D Datasheet
228Kb / 5P
   High current density due to double mesa technology
IPT0406-05I IPS-IPT0406-05I Datasheet
230Kb / 4P
   High current density due to double mesa technology
IPT1206-TEA IPS-IPT1206-TEA Datasheet
226Kb / 4P
   High current density due to double mesa technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com