Electronic Components Datasheet Search |
|
SPI16N50C3 Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
SPI16N50C3 Datasheet(HTML) 3 Page - Infineon Technologies AG |
3 / 14 page 200 9-12-22 Rev. 3. 2 page 3 SPP16N50C3 SPI16N50C3, SPA16N50C3 Electrical Characteristics, at Tj = 25 °C, unless otherwise specified Parameter Symbol Conditions Values Unit min. typ. max. Characteristics Transconductance gfs VDS≥2*ID*RDS(on)max, ID=10A - 14 - S Input capacitance Ciss VGS=0V, VDS=25V, f =1MHz - 1600 - pF Output capacitance Coss - 800 - Reverse transfer capacitance Crss - 30 - Effective output capacitance,4) energy related Co(er) VGS=0V, VDS=0V to 400V - 64 - Effective output capacitance,5) time related Co(tr) - 124 - Turn-on delay time td(on) VDD=380V, VGS=0/10V, ID=16A, RG=4.3Ω - 10 - ns Rise time tr - 8 - Turn-off delay time td(off) - 50 - Fall time tf - 8 - Gate Charge Characteristics Gate to source charge Qgs VDD=380V, ID=16A - 7 - nC Gate to drain charge Qgd - 36 - Gate charge total Qg VDD=380V, ID=16A, VGS=0 to 10V - 66 - Gate plateau voltage V(plateau) VDD=380V, ID=16A - 5 - V 1Limited only by maximum temperature 2Repetitve avalanche causes additional power losses that can be calculated asPAV=EAR*f. 3Soldering temperature for TO-263: 220°C, reflow 4Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS. 5Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS. 6I SD<=ID, di/dt<=400A/us, VDClink=400V, Vpeak<VBR, DSS, Tj<Tj,max. Identical low-side and high-side switch. |
Similar Part No. - SPI16N50C3 |
|
Similar Description - SPI16N50C3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |