Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGF106C Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BGF106C
Description  SIM Card Interface Filter and ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF106C Datasheet(HTML) 7 Page - Infineon Technologies AG

  BGF106C Datasheet HTML 1Page - Infineon Technologies AG BGF106C Datasheet HTML 2Page - Infineon Technologies AG BGF106C Datasheet HTML 3Page - Infineon Technologies AG BGF106C Datasheet HTML 4Page - Infineon Technologies AG BGF106C Datasheet HTML 5Page - Infineon Technologies AG BGF106C Datasheet HTML 6Page - Infineon Technologies AG BGF106C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
BGF106C
SIM Card Interface Filter and ESD Protection
BGF106C
Data Sheet
7
V2.0, 2009-04-14
Package Outlines
Figure 4
WLP-8-11 (Wafer Level Package)
Footprint
Figure 5
Recommended PCB pad design for reflow soldering
Tape
Figure 6
Tape for BGF106C / WLP-8-11
You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”:
http://www.infineon.com/products.
2)
COPLANARITY
0.6
0.08
8x
C
C
STANDOFF
±0.05
0.2
±0.05
0.1 C
0.4
±0.05
1.2
B
A
A
8x
ø0.05 M
0.25
B
±0.04
1)
3) Primary datum C and seating plane are defined by the domed crowns of the balls
1) Dimension is measured at the maximum solder ball diameter, parallel to primary datum C
2) A1 corner identified by marking
WLP-8-11-N-PO V01
2 x 0.4 = 0.8
A3
A2
B3
C3
B2
B1
C2
C1
(0.2
)
±0.05
(0.2
)
±0.05
Pin A1
Corner Index Area
Solder balls face down
Solder balls face up
WLP-8-11-N-FP V01
0.4
0.8
0.25
WLP-8-11-N-TP V01
Pin A1
Corner Index Area
1.33 ±0.05
0.25
0.75
±0.1
4


Similar Part No. - BGF106C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGF106C INFINEON-BGF106C_13 Datasheet
181Kb / 7P
   SIM Card Interface Filter and ESD Protection
Rev. 3.1, 2013-01-16
More results

Similar Description - BGF106C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGF106C INFINEON-BGF106C_13 Datasheet
181Kb / 7P
   SIM Card Interface Filter and ESD Protection
Rev. 3.1, 2013-01-16
BGF125 INFINEON-BGF125 Datasheet
580Kb / 7P
   SIM Card Interface Filter and ESD Protection
V2.0, April 2009
BGF124 INFINEON-BGF124 Datasheet
580Kb / 7P
   SIM Card Interface Filter and USB Interface with ESD Protection
V2.0, April 2009
logo
NXP Semiconductors
NVT4558 NXP-NVT4558_V01 Datasheet
312Kb / 22P
   SIM card interface level translator with EMI filter and ESD protection
Rev. 1.1 - 6 September 2023
NVT4558 NXP-NVT4558 Datasheet
311Kb / 23P
   SIM card interface level translator with EMI filter and ESD protection
Rev. 1.0 - 7 December 2022
NVT4557 NXP-NVT4557 Datasheet
466Kb / 28P
   SIM card interface level translator with EMI filter and ESD protection
Rev.2.1-12 November 2021
NVT4557 NXP-NVT4557_V01 Datasheet
456Kb / 26P
   SIM card interface level translator with EMI filter and ESD protection
Rev. 2.2 - 7 September 2023
logo
ON Semiconductor
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
   SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
logo
Diodes Incorporated
PI4ULS3V4103 DIODES-PI4ULS3V4103 Datasheet
590Kb / 2P
   SIM Card Interface Level Translator with EMI Filter and ESD Protection for Mobile Applications
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com