Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPW17N80C3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPW17N80C3
Description  CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPW17N80C3 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SPW17N80C3 Datasheet HTML 2Page - Infineon Technologies AG SPW17N80C3 Datasheet HTML 3Page - Infineon Technologies AG SPW17N80C3 Datasheet HTML 4Page - Infineon Technologies AG SPW17N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPW17N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPW17N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPW17N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPW17N80C3 Datasheet HTML 9Page - Infineon Technologies AG SPW17N80C3 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SPW17N80C3
9 Typ. gate charge
10 Forward characteristics of reverse diode
V GS=f(Q gate); I D=17 A pulsed
I F=f(V SD); t p=10 µs
parameter: V DD
parameter: T j
11 Avalanche energy
12 Drain-source breakdown voltage
E AS=f(T j); I D=3.4 A; V DD=50 V
V BR(DSS)=f(T j); I D=0.25 mA
25 °C
150 °C
150°C (98%)
25°C (98°C)
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
V SD [V]
160 V
640 V
0
2
4
6
8
10
0
20
40
60
80
100
Q gate [nC]
680
720
760
800
840
880
920
960
-60
-20
20
60
100
140
180
T j [°C]
0
100
200
300
400
500
600
700
25
50
75
100
125
150
T j [°C]
Rev. 2.9
page 6
2008-10-15
Please note the new package dimensions arccording to PCN 2009-134-A


Similar Part No. - SPW17N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
508Kb / 10P
   CoolMOS Power Transistor
Rev. 2.91 2011-09-27
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
736Kb / 11P
   CoolMOSTM Power Transistor
Rev. 2.92 2014-04-29
logo
Inchange Semiconductor ...
SPW17N80C3 ISC-SPW17N80C3 Datasheet
335Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPW17N80C3A INFINEON-SPW17N80C3A Datasheet
508Kb / 10P
   CoolMOS Power Transistor
Rev. 2.91 2011-09-27
More results

Similar Description - SPW17N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA20N60CFD INFINEON-SPA20N60CFD_09 Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
SPI15N65C3 INFINEON-SPI15N65C3 Datasheet
305Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated
Rev. 2.0 2007-09-10
SPP04N80C3 INFINEON-SPP04N80C3_08 Datasheet
395Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPI08N80C3 INFINEON-SPI08N80C3 Datasheet
360Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
IPW50R250CP INFINEON-IPW50R250CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.0 2007-11-07
SPP06N60C3 INFINEON-SPP06N60C3_09 Datasheet
228Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
SPD02N80C3 INFINEON-SPD02N80C3_08 Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP08N80C3 INFINEON-SPP08N80C3_08 Datasheet
398Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPA11N80C3 INFINEON-SPA11N80C3_08 Datasheet
295Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPD04N80C3 INFINEON-SPD04N80C3_08 Datasheet
442Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com