Electronic Components Datasheet Search |
|
SPA20N60CFD Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
SPA20N60CFD Datasheet(HTML) 3 Page - Infineon Technologies AG |
3 / 12 page SPA20N60CFD Parameter Symbol Conditions Unit min. typ. max. Dynamic characteristics Input capacitance C iss - 2400 - pF Output capacitance C oss - 780 - Reverse transfer capacitance C rss -50- Effective output capacitance, energy related 4) C o(er) -83- Effective output capacitance, time related5 ) C o(tr) - 160 - Turn-on delay time t d(on) -12- ns Rise time t r -15- Turn-off delay time t d(off) -59- Fall time t f - 6.4 - Gate Charge Characteristics Gate to source charge Q gs -15- nC Gate to drain charge Q gd -54- Gate charge total Q g - 95 124 Gate plateau voltage V plateau - 7.0 - V 3) Repetitive avalanche causes additional power losses that can be calculated asP AV=E AR*f. 4) C o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS. 5) C o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS. 1) Limited only by maximum temperature. 2) Pulse width t p limited by T j,max Values V GS=0 V, V DS=25 V, f =1 MHz V DD=380 V, V GS=10 V, I D=20.7 A, R G=3.6 Ω V DD=480 V, I D=20.7 A, V GS=0 to 10 V V GS=0 V, V DS=0 V to 480 V 0) J-STD20 and JESD22 Rev. 1. 3 page 3 200 9-12-22 |
Similar Part No. - SPA20N60CFD_09 |
|
Similar Description - SPA20N60CFD_09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |