Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA11N60C3E8185 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPA11N60C3E8185
Description  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA11N60C3E8185 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPA11N60C3E8185 Datasheet HTML 1Page - Infineon Technologies AG SPA11N60C3E8185 Datasheet HTML 2Page - Infineon Technologies AG SPA11N60C3E8185 Datasheet HTML 3Page - Infineon Technologies AG SPA11N60C3E8185 Datasheet HTML 4Page - Infineon Technologies AG SPA11N60C3E8185 Datasheet HTML 5Page - Infineon Technologies AG SPA11N60C3E8185 Datasheet HTML 6Page - Infineon Technologies AG SPA11N60C3E8185 Datasheet HTML 7Page - Infineon Technologies AG SPA11N60C3E8185 Datasheet HTML 8Page - Infineon Technologies AG SPA11N60C3E8185 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2
009
-11-27
Rev.
3. 2
Page 1
SPP11N60C3
SPI11N60C3, SPA11N60C3, SPA11N60C3 E8185
Cool MOS™ Power Transistor
VDS @ Tjmax
650
V
RDS(on)
0.38
ID
11
A
Feature
• New revolutionary high voltage technology
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv/dt rated
• High peak current capability
• Improved transconductance
• PG-TO-220-3-31;-3-111: Fully isolated package (2500 VAC; 1 minute)
P
G-TO262
P
G-TO220FP
P
G-TO220
P-TO220-3-31
1
2
3
Marking
11N60C3
11N60C3
11N60C3
Type
Package
Ordering Code
SPP11N60C3
P
G-TO220
Q67040-S4395
SPI11N60C3
P
G-TO262
Q67042-S4403
SPA11N60C3
Q67040-S4408
Maximum Ratings
Parameter
Symbol
Value
Unit
SPA
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
11
7
111)
71)
A
Pulsed drain current, tp limited by Tjmax
ID puls
33
33
A
Avalanche energy, single pulse
ID=5.5A, VDD=50V
EAS
340
340
mJ
Avalanche energy, repetitive tAR limited by Tjmax2)
ID=11A, VDD=50V
EAR
0.6
0.6
Avalanche current, repetitive tAR limited by Tjmax
IAR
11
11
A
Gate source voltage static
VGS
±20
±20
V
Gate source voltage AC (f >1Hz)
VGS
±30
±30
Power dissipation, TC = 25°C
Ptot
125
33
W
SPP_I
Operating and storage temperature
Tj , Tstg
-55...+150
°C
Reverse diode dv/dt
dv/dt
15
V/ns
7)
11N60C3
P
G-TO220FP
Q67040-S4408
SPA11N60C3
E8185
11N60C3
P
G-TO220


Similar Part No. - SPA11N60C3E8185

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SPA11N60C3E8185 ISC-SPA11N60C3E8185 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - SPA11N60C3E8185

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPP21N50C3 INFINEON-SPP21N50C3_09 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com