Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP15P10P Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPP15P10P
Description  SIPMOS짰 Small-Signal-Transistor Features P-Channel Enhancement mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP15P10P Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SPP15P10P Datasheet HTML 2Page - Infineon Technologies AG SPP15P10P Datasheet HTML 3Page - Infineon Technologies AG SPP15P10P Datasheet HTML 4Page - Infineon Technologies AG SPP15P10P Datasheet HTML 5Page - Infineon Technologies AG SPP15P10P Datasheet HTML 6Page - Infineon Technologies AG SPP15P10P Datasheet HTML 7Page - Infineon Technologies AG SPP15P10P Datasheet HTML 8Page - Infineon Technologies AG SPP15P10P Datasheet HTML 9Page - Infineon Technologies AG SPP15P10P Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SPP15P10P G
SPD15P10P G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=-10.6 A; V GS=-10 V
V GS(th)=f(T j); V GS=V DS; I D=-1.54 mA
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ.
98 %
0
100
200
300
400
500
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10
3
10
2
10
1
0
2040
6080
-V DS [V]
typ.
min.
max.
0
1
2
3
4
5
-60
-20
20
60
100
140
180
T j [°C]
25 °C, typ
175 °C, typ
25 °C, 98%
175 °C, 98%
10
2
10
1
10
0
10
-1
10
-2
0
0.5
1
1.5
-V SD [V]
Rev 1.
6
page 6
200
9-08-25


Similar Part No. - SPP15P10P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
logo
Inchange Semiconductor ...
SPP15P10P ISC-SPP15P10P Datasheet
334Kb / 2P
   P-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPP15P10PG INFINEON-SPP15P10PG Datasheet
737Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev 1.8 2012-09-11
SPP15P10PH INFINEON-SPP15P10PH Datasheet
829Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev 1.7 2011-09-01
SPP15P10PLG INFINEON-SPP15P10PLG Datasheet
416Kb / 10P
   SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.3 2009-10-27
More results

Similar Description - SPP15P10P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD08P06P INFINEON-SPD08P06P_08 Datasheet
598Kb / 9P
   SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.9 2008-10-13
SPP15P10PLG INFINEON-SPP15P10PLG Datasheet
416Kb / 10P
   SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.3 2009-10-27
SPD04P10PL INFINEON-SPD04P10PL Datasheet
777Kb / 9P
   SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.5 2009-02-16
SPD04P10P INFINEON-SPD04P10P Datasheet
831Kb / 9P
   SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev 1.5 2009-02-16
SPP18P06P INFINEON-SPP18P06P_09 Datasheet
759Kb / 9P
   SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
Rev1.8 2009-04-14
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
SPP18P06PH INFINEON-SPP18P06PH Datasheet
577Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev1.92 2014-11-21
BSS127 INFINEON-BSS127 Datasheet
271Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.1 2006-03-24
BSP170PE6327T INFINEON-BSP170PE6327T Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
BSS126 INFINEON-BSS126 Datasheet
236Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.3 2006-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com