Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC030N03LSG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSC030N03LSG
Description  OptiMOS?? Power-MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC030N03LSG Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSC030N03LSG Datasheet HTML 1Page - Infineon Technologies AG BSC030N03LSG Datasheet HTML 2Page - Infineon Technologies AG BSC030N03LSG Datasheet HTML 3Page - Infineon Technologies AG BSC030N03LSG Datasheet HTML 4Page - Infineon Technologies AG BSC030N03LSG Datasheet HTML 5Page - Infineon Technologies AG BSC030N03LSG Datasheet HTML 6Page - Infineon Technologies AG BSC030N03LSG Datasheet HTML 7Page - Infineon Technologies AG BSC030N03LSG Datasheet HTML 8Page - Infineon Technologies AG BSC030N03LSG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BSC030N03LS G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
3.2 V
3.5 V
4 V
4.5 V
5 V
10 V
11.5 V
0
2
4
6
8
0
1020
3040
50
I D [A]
25 °C
150 °C
0
40
80
120
160
200
012
345
V GS [V]
0
50
100
150
200
250
0
40
80
120
160
I D [A]
2.8 V
3 V
3.2 V
3.5 V
4 V
4.5 V
5 V
10 V
0
50
100
150
200
250
300
01
23
V DS [V]
Rev. 1.27
page 5
2009-10-22


Similar Part No. - BSC030N03LSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC030N03MSG INFINEON-BSC030N03MSG Datasheet
298Kb / 10P
   OptiMOS?? M-Series Power-MOSFET
Rev. 1.16 2009-10-22
More results

Similar Description - BSC030N03LSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC042N03LSG INFINEON-BSC042N03LSG Datasheet
384Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.25 2009-10-22
BSZ033N03LSCG INFINEON-BSZ033N03LSCG Datasheet
330Kb / 9P
   OptiMOS?? Power-MOSFET
Rev. 1.2 2009-11-05
BSC025N03LSG INFINEON-BSC025N03LSG Datasheet
390Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.6 2009-10-22
BSC080N03LSG INFINEON-BSC080N03LSG Datasheet
390Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.25 2009-11-03
BSC057N03LSG INFINEON-BSC057N03LSG_13 Datasheet
526Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 2.12 013-05-17
BSB028N06NN3 INFINEON-BSB028N06NN3 Datasheet
749Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.0 2014-04-17
BSB104N08NP3G INFINEON-BSB104N08NP3G Datasheet
603Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.1 2013-11-28
BSC042N03MSG INFINEON-BSC042N03MSG_13 Datasheet
529Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 2.1 2013-05-17
BSB044N08NN3G INFINEON-BSB044N08NN3G_11 Datasheet
902Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.0 2011-07-18
BSC014N03LSG INFINEON-BSC014N03LSG Datasheet
445Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.3 2009-10-22
BSC100N03LSG INFINEON-BSC100N03LSG Datasheet
390Kb / 10P
   OptiMOS?? Power-MOSFET
Rev. 1.6 2009-11-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com