Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7PH46UPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRG7PH46UPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH46UPBF Datasheet(HTML) 3 Page - International Rectifier

  IRG7PH46UPBF Datasheet HTML 1Page - International Rectifier IRG7PH46UPBF Datasheet HTML 2Page - International Rectifier IRG7PH46UPBF Datasheet HTML 3Page - International Rectifier IRG7PH46UPBF Datasheet HTML 4Page - International Rectifier IRG7PH46UPBF Datasheet HTML 5Page - International Rectifier IRG7PH46UPBF Datasheet HTML 6Page - International Rectifier IRG7PH46UPBF Datasheet HTML 7Page - International Rectifier IRG7PH46UPBF Datasheet HTML 8Page - International Rectifier IRG7PH46UPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.irf.com
3
IRG7PH46UPbF/IRG7PH46U-EP
Fig. 2 - Maximum DC Collector Current vs.
CaseTemperature
Fig. 3 - Power Dissipation vs. Case
Temperature
Fig. 4 - Forward SOA
TC = 25°C, TJ 175°C; VGE =15V
Fig. 5 - Reverse Bias SOA
TJ = 175°C; VGE =20V
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
0
20 40 60 80 100 120 140 160 180
TC (°C)
0
50
100
150
200
250
300
350
400
450
500
25
50
75
100
125
150
175
TC (°C)
0
20
40
60
80
100
120
140
10
100
1000
10000
VCE (V)
1
10
100
1000
1
10
100
1000
10000
VCE (V)
0.1
1
10
100
1000
1msec
10µsec
100µsec
Tc = 25°C
Tj = 175°C
Single Pulse
DC
0.1
1
10
100
f , Frequency ( kHz )
0
20
40
60
80
100
For both:
Duty cycle : 50%
Tj = 150°C
Tc = 100°C
Vcc = 600V
Gate drive as specified
Power Dissipation = 154W
I
Square Wave:
V
CC
Diode as specified


Similar Part No. - IRG7PH46UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH46UPBF IRF-IRG7PH46UPBF Datasheet
295Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG7PH46UPBF IRF-IRG7PH46UPBF_15 Datasheet
295Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG7PH46UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com