Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGI4064DPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRGI4064DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGI4064DPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRGI4064DPBF Datasheet HTML 2Page - International Rectifier IRGI4064DPBF Datasheet HTML 3Page - International Rectifier IRGI4064DPBF Datasheet HTML 4Page - International Rectifier IRGI4064DPBF Datasheet HTML 5Page - International Rectifier IRGI4064DPBF Datasheet HTML 6Page - International Rectifier IRGI4064DPBF Datasheet HTML 7Page - International Rectifier IRGI4064DPBF Datasheet HTML 8Page - International Rectifier IRGI4064DPBF Datasheet HTML 9Page - International Rectifier IRGI4064DPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRGI4064DPbF
www.irf.com
9
Fig. WF3 - Typ. Diode Recovery Waveform
@ TJ = 150°C using Fig. CT.4
Fig. WF1 - Typ. Turn-off Loss Waveform
@ TJ = 150°C using Fig. CT.4
Fig. WF2 - Typ. Turn-on Loss Waveform
@ TJ = 150°C using Fig. CT.4
Fig. WF4 - Typ. S.C. Waveform
@ TJ = 25°C using Fig. CT.3
0
100
200
300
400
500
600
-5
0
5
10
Time (uS)
-20
0
20
40
60
80
100
VCE
ICE
-600
-500
-400
-300
-200
-100
0
100
-0.05
0.00
0.05
0.10
0.15
time (µS)
-15
-10
-5
0
5
10
15
20
Peak
I
RR
tRR
QRR
10%
Peak IRR
-100
0
100
200
300
400
500
-0.2
0
0.2
0.4
0.6
0.8
time(µs)
-5
0
5
10
15
20
25
90% I
CE
5%
V
CE
5% I
CE
Eoff Loss
tf
-100
0
100
200
300
400
500
-0.1
0.1
time (µs)
-5
0
5
10
15
20
25
TEST CURRENT
90% test current
5% V
CE
10% test current
tr
Eon Loss


Similar Part No. - IRGI4064DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGI4060DPBF IRF-IRGI4060DPBF Datasheet
319Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4062DPBF IRF-IRGI4062DPBF Datasheet
392Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4065PBF IRF-IRGI4065PBF Datasheet
321Kb / 7P
   PDP TRENCH IGBT
More results

Similar Description - IRGI4064DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com