Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ45CA Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SMCJ45CA
Description  SMCJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMCJ45CA Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SMCJ45CA Datasheet HTML 1Page - Bourns Electronic Solutions SMCJ45CA Datasheet HTML 2Page - Bourns Electronic Solutions SMCJ45CA Datasheet HTML 3Page - Bourns Electronic Solutions SMCJ45CA Datasheet HTML 4Page - Bourns Electronic Solutions SMCJ45CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SMCJ Transient Voltage Suppressor Diode Series
Rating & Characteristic Curves
Pulse Derating Curve
Maximum Non-Repetitive Surge Current
Pulse Waveform
Typical Junction Capacitance
Pulse Rating Curve
Steady State Power Derating Curve
100
75
50
25
0
050
25
75
100
150
125
175
200
Ambient Temperature (°C)
10 x 1000 Waveform as Defined
by R.E.A.
100
200
10
1
2
5
10
20
50
100
Number of Cycles at 60 Hz
Pulse Width 8.3 ms
Single Half Sine-Wave
(JEDEC Method)
100
50
0
0
1.0
2.0
3.0
4.0
T, Time (ms)
TA=25 °C
TP
TR=10 µs
Half value=
IRSM
2
Peak value (IRSM)
Pulse width (TP)
is defined as that point
where the peak current
decays to 50 % of IPSM.
10 x 1000 waveform
as defined by R.E.A.
10000
100
0
0
10
100
1000
Standoff Voltage (Volts)
1000
Bidirectional
TA = 25 °C
Unidirectional
100
1.0
10
0.1
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
TP, Pulse Width
TA = 25 °C
Non-repetitive Pulse Waveform
Shown in Pulse Waveform Graph
8.0 mm Lead Areas
5.0
3.0
4.0
2.0
1.0
0.0
050
25
75
100
150
125
175
200
TL, Lead Temperature (°C)
60 Hz Resistive or
Inductive Load


Similar Part No. - SMCJ45CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ45CA FAIRCHILD-SMCJ45CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
GUANGDONG HOTTECH INDUS...
SMCJ45CA HOTTECH-SMCJ45CA Datasheet
541Kb / 3P
   Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
SMCJ45CA MDE-SMCJ45CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SHIKUES Electronics
SMCJ45CA SKTECHNOLGY-SMCJ45CA Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
Ruilongyuan Electronics...
SMCJ45CA RUILON-SMCJ45CA Datasheet
933Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ45CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMCJ50CA BOURNS-SMCJ50CA_11 Datasheet
370Kb / 5P
   SMCJ Transient Voltage Suppressor Diode Series
logo
Shanghai Yint Electroni...
SMCJ YINT-SMCJ Datasheet
1Mb / 5P
   SMCJ Transient Voltage Suppressor Diode Series
logo
Shanghai Leiditech Elec...
S-SMCJ LEIDITECH-S-SMCJ Datasheet
1,018Kb / 6P
   S-SMCJ Series 1500W Transient Voltage Suppressor
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com