Electronic Components Datasheet Search |
|
SMLJ26CA Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
SMLJ26CA Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 5 page Features ■ RoHS compliant* ■ Surface Mount SMC package ■ Standoff Voltage: 5.0 to 170 volts ■ Power Dissipation: 3000 watts Applications ■ IEC 61000-4-2 ESD (Min. Level 4) ■ IEC 61000-4-4 EFT ■ IEC 61000-4-5 Surge Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted) SMLJ Transient Voltage Suppressor Diode Series *RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Parameter Symbol Value Unit Minimum Peak Pulse Power Dissipation (TP = 1 ms) (Note 1,2) PPK 3000 Watts Peak Forward Surge Current 8.3 ms Single Ha Sine Wave Superimposed on Rated Load (JEDEC Method) (Note 3) IFSM 300 Amps Steady State Power Dissipation @ TL = 75 °C PM(AV) 5.0 Watts Maximum Instantaneous Forward Voltage @ IPP = 100 A (For Unidirectional Units Only) VF (Note 5) Volts Operating Temperature Range TJ -55 to +150 °C Storage Temperature Range TSTG -55 to +175 °C 1. Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve. 2. Thermal Resistance Junction to Lead. 3. 8.3 ms Single Ha-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only). 4. Single Phase, Ha Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %. 5. VF = 3.5 V on SMLJ5.0A through SMLJ90A and VF= 5.0 V on SMLJ100A through SMLJ170A. General Information Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700 www.bourns.com The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AB (SMC) size format. The Transient Voltage Suppressor series offers a choice of Working Peak Reverse Voltage from 5 V up to 170 V and Breakdown Voltage up to 200 V. Typical fast response times are less than 1.0 ns for unidirectional devices and less than 5.0 ns for bidirectional devices from 0 V to Minimum Breakdown Voltage. Bourns® Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration minimizes roll away. How to Order SMLJ 5.0 CA Package SMLJ = SMC/DO-214AB Working Peak Reverse Voltage 5.0 = 5.0 VRWM (Volts) Suffix A = 5 % Tolerance Unidirectional Device CA = 5 % Tolerance Bidirectional Device |
Similar Part No. - SMLJ26CA |
|
Similar Description - SMLJ26CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |