Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD30P06PG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPD30P06PG
Description  SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD30P06PG Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPD30P06PG Datasheet HTML 1Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 2Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 3Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 4Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 5Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 6Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 7Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 8Page - Infineon Technologies AG SPD30P06PG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2008-09-02
Rev 2.3
Page 1
SPD30P06P G
SIPMOS® Power-Transistor
Features
· P-Channel
· Enhancement mode
· Avalanche rated
· dv/dt rated
· 175°C operating temperature
Product Summary
Drain source voltage
V
VDS
-60
Drain-source on-state resistance
RDS(on)
0.075
W
Continuous drain current
A
ID
-30
Type
Package
SPD30P06P G
PG-TO252-3
Pin 1
PIN 2/4
PIN 3
G
D
S
Maximum Ratings,at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Unit
Value
-30
-21.5
A
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
Pulsed drain current
TC = 25 °C
ID puls
-120
Avalanche energy, single pulse
ID = -30 A , VDD = -25 V, RGS = 25 W
250
mJ
EAS
Avalanche energy, periodic limited by
Tjmax
EAR
12.5
d
v/dt
6
Reverse diode d
v/dt
IS = -30 A, VDS = -48 V, di/dt = 200 A/µs,
Tjmax = 175 °C
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC = 25 °C
Ptot
125
W
Operating and storage temperature
Tj , Tstg
-55...+175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
° Pb-free lead plating; RoHS compliat


Similar Part No. - SPD30P06PG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPD30P06PG VBSEMI-SPD30P06PG Datasheet
1,004Kb / 8P
   P-Channel 60 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
SPD30P06PG UMW-SPD30P06PG Datasheet
828Kb / 9P
   -60V P-Channel MOSFET
More results

Similar Description - SPD30P06PG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD18P06P INFINEON-SPD18P06P_08 Datasheet
567Kb / 10P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 3.4 2008-09-02
SPP80P06PG INFINEON-SPP80P06PG Datasheet
525Kb / 11P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 1.4 2009-11-19
SPD07N20 INFINEON-SPD07N20_08 Datasheet
830Kb / 10P
   SIPMOS횘 Power Transistor Features N channel Enhancement mode Avalanche rated
Rev. 2.4 2008-09-01
IPD400N06NG INFINEON-IPD400N06NG_08 Datasheet
509Kb / 9P
   OptiMOS짰 Power-Transistor Features N-channel enhancement - normal level Avalanche rated
Rev. 1.3 2008-09-01
logo
Siemens Semiconductor G...
BUZ172 SIEMENS-BUZ172 Datasheet
184Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com