Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB12CNE8N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB12CNE8N
Description  OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB12CNE8N Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB12CNE8N_07 Datasheet HTML 1Page - Infineon Technologies AG IPB12CNE8N_07 Datasheet HTML 2Page - Infineon Technologies AG IPB12CNE8N_07 Datasheet HTML 3Page - Infineon Technologies AG IPB12CNE8N_07 Datasheet HTML 4Page - Infineon Technologies AG IPB12CNE8N_07 Datasheet HTML 5Page - Infineon Technologies AG IPB12CNE8N_07 Datasheet HTML 6Page - Infineon Technologies AG IPB12CNE8N_07 Datasheet HTML 7Page - Infineon Technologies AG IPB12CNE8N_07 Datasheet HTML 8Page - Infineon Technologies AG IPB12CNE8N_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IPB12CNE8N G
IPD12CNE8N G
IPI12CNE8N G
IPP12CNE8N G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R
thJC
-
-
1.2
K/W
R
thJA
minimal footprint
-
-
62
6 cm2 cooling area
4)
--
40
minimal footprint
-
-
75
6 cm2 cooling area
4)
--
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V
(BR)DSS
V
GS=0 V, I D=1 mA
85
-
-
V
Gate threshold voltage
V
GS(th)
V
DS=V GS, I D=83 μA
234
Zero gate voltage drain current
I
DSS
V
DS=68 V, V GS=0 V,
T
j=25 °C
-
0.1
1
μA
V
DS=68 V, V GS=0 V,
T
j=125 °C
-
10
100
Gate-source leakage current
I
GSS
V
GS=20 V, V DS=0 V
-
1
100
nA
Drain-source on-state resistance
R
DS(on)
V
GS=10 V, I D=67 A,
(TO252)
-
9.2
12.4
m
V
GS=10 V, I D=67 A,
(TO262)
-
9.4
12.6
V
GS=10 V, I D=67 A,
(TO220, TO263)
-
9.7
12.9
Gate resistance
R
G
-
1.5
-
Transconductance
g
fs
|V DS|>2|I D|R DS(on)max,
I
D=67 A
39
77
-
S
Values
4) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 μm thick) copper area for drain connection. PCB is
vertical in still air.
Thermal resistance, junction -
ambient (TO220, TO262, TO263)
Thermal resistance, junction -
ambient (TO252)
Rev. 1.05
page 2
2007-08-29


Similar Part No. - IPB12CNE8N_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB12CNE8NG INFINEON-IPB12CNE8NG Datasheet
558Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-02-17
More results

Similar Description - IPB12CNE8N_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPDH6N03LA INFINEON-IPDH6N03LA_08 Datasheet
542Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.5 2008-04-14
IPB26CN10N INFINEON-IPB26CN10N_10 Datasheet
547Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.08 2010-04-28
SPD50N03S2-07 INFINEON-SPD50N03S2-07_08 Datasheet
647Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
SPD30N03S2L-07 INFINEON-SPD30N03S2L-07_08 Datasheet
658Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
SPD30N03S2L-20 INFINEON-SPD30N03S2L-20_08 Datasheet
687Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level
02-09-2008
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com