Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD25CN10NG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPD25CN10NG
Description  OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD25CN10NG Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPD25CN10NG Datasheet HTML 1Page - Infineon Technologies AG IPD25CN10NG Datasheet HTML 2Page - Infineon Technologies AG IPD25CN10NG Datasheet HTML 3Page - Infineon Technologies AG IPD25CN10NG Datasheet HTML 4Page - Infineon Technologies AG IPD25CN10NG Datasheet HTML 5Page - Infineon Technologies AG IPD25CN10NG Datasheet HTML 6Page - Infineon Technologies AG IPD25CN10NG Datasheet HTML 7Page - Infineon Technologies AG IPD25CN10NG Datasheet HTML 8Page - Infineon Technologies AG IPD25CN10NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IPB26CN10N G IPD25CN10N G
IPI26CN10N G IPP26CN10N G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
25 °C
175 °C
0
20
40
60
80
02
468
V GS [V]
0
5
10
15
20
25
30
35
40
010
20
30
I D [A]
4.5 V
5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
0
20
40
60
80
100
012
345
V DS [V]
5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
0
10
20
30
40
50
60
0
1020
3040
5060
70
I D [A]
Rev. 1.08
page 5
2010-04-28


Similar Part No. - IPD25CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD25CN10NG INFINEON-IPD25CN10NG Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPD25CN10NG INFINEON-IPD25CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.09 2013-07-09
More results

Similar Description - IPD25CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPDH6N03LA INFINEON-IPDH6N03LA_08 Datasheet
542Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.5 2008-04-14
SPD50N03S2-07 INFINEON-SPD50N03S2-07_08 Datasheet
647Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
SPD30N03S2L-07 INFINEON-SPD30N03S2L-07_08 Datasheet
658Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
IPB12CNE8N INFINEON-IPB12CNE8N_07 Datasheet
552Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.05 2007-08-29
SPD30N03S2L-20 INFINEON-SPD30N03S2L-20_08 Datasheet
687Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level
02-09-2008
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com