Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPSH6N03LAG Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPSH6N03LAG
Description  OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPSH6N03LAG Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPSH6N03LAG Datasheet HTML 1Page - Infineon Technologies AG IPSH6N03LAG Datasheet HTML 2Page - Infineon Technologies AG IPSH6N03LAG Datasheet HTML 3Page - Infineon Technologies AG IPSH6N03LAG Datasheet HTML 4Page - Infineon Technologies AG IPSH6N03LAG Datasheet HTML 5Page - Infineon Technologies AG IPSH6N03LAG Datasheet HTML 6Page - Infineon Technologies AG IPSH6N03LAG Datasheet HTML 7Page - Infineon Technologies AG IPSH6N03LAG Datasheet HTML 8Page - Infineon Technologies AG IPSH6N03LAG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IPDH6N03LA G
IPFH6N03LA G
IPSH6N03LA G
IPUH6N03LA G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
1
10
100
1000
0.1
1
10
100
V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
0.01
0.1
1
10
00
00
00
1
t p [s]
0
10
20
30
40
50
60
70
80
0
50
100
150
200
T C [°C]
0
10
20
30
40
50
60
0
50
100
150
200
T C [°C]
Rev. 1.5
page 4
2008-04-14


Similar Part No. - IPSH6N03LAG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPSH6N03LAG INFINEON-IPSH6N03LAG Datasheet
418Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.3 2006-05-11
More results

Similar Description - IPSH6N03LAG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB26CN10N INFINEON-IPB26CN10N_10 Datasheet
547Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.08 2010-04-28
SPD50N03S2-07 INFINEON-SPD50N03S2-07_08 Datasheet
647Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
SPD30N03S2L-07 INFINEON-SPD30N03S2L-07_08 Datasheet
658Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
02-09-2008
IPB12CNE8N INFINEON-IPB12CNE8N_07 Datasheet
552Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.05 2007-08-29
SPD30N03S2L-20 INFINEON-SPD30N03S2L-20_08 Datasheet
687Kb / 9P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level
02-09-2008
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com