Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPW50R299CP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPW50R299CP
Description  CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW50R299CP Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPW50R299CP Datasheet HTML 1Page - Infineon Technologies AG IPW50R299CP Datasheet HTML 2Page - Infineon Technologies AG IPW50R299CP Datasheet HTML 3Page - Infineon Technologies AG IPW50R299CP Datasheet HTML 4Page - Infineon Technologies AG IPW50R299CP Datasheet HTML 5Page - Infineon Technologies AG IPW50R299CP Datasheet HTML 6Page - Infineon Technologies AG IPW50R299CP Datasheet HTML 7Page - Infineon Technologies AG IPW50R299CP Datasheet HTML 8Page - Infineon Technologies AG IPW50R299CP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IPW50R299CP
1 Power dissipation
2 Safe operating area
P tot=f(T C)
I D=f(V DS); T C=25 °C; D =0
parameter: t p
3 Max. transient thermal impedance
4 Typ. output characteristics
Z(thJC)=f(tp);
I D=f(V DS); T j=25 °C
parameter: D=t p/T
parameter: V GS
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
T C [°C]
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
3
10
2
10
1
10
0
10
2
10
1
10
0
10
-1
V DS [V]
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
-1
10
-2
10
-3
10
-4
10
-5
10
1
10
0
10
-1
10
-2
t p [s]
4.5 V
5 V
5.5 V
6 V
7 V
8 V
10 V
20 V
0
5
10
15
20
25
30
0
5
10
15
20
V DS [V]
limited by on-state
resistance
Rev. 2.0
page 4
2007-11-07
Please note the new package dimensions arccording to PCN 2009-134-A


Similar Part No. - IPW50R299CP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPW50R299CP ISC-IPW50R299CP Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPW50R299CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA08N80C3 INFINEON-SPA08N80C3_09 Datasheet
338Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 3.0 2009-12-22
SPP24N60CFD INFINEON-SPP24N60CFD Datasheet
338Kb / 12P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 1.2 2007-08-28
SPI15N65C3 INFINEON-SPI15N65C3 Datasheet
305Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated
Rev. 2.0 2007-09-10
SPA20N60CFD INFINEON-SPA20N60CFD_09 Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
IPW50R350CP INFINEON-IPW50R350CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features Ultra low gate charge Extreme dv/dt rated
Rev. 2.0 2007-11-07
SPW17N80C3 INFINEON-SPW17N80C3_08 Datasheet
683Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 2.9 2008-10-15
SPP15N65C3 INFINEON-SPP15N65C3 Datasheet
258Kb / 10P
   CoolMOSTM Power Transistor Features High peak current capability
Rev. 2.0 2007-12-13
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
   Extremely high dv/dt capability
logo
Silikron Semiconductor ...
SSF2715 SILIKRON-SSF2715 Datasheet
452Kb / 6P
   Extremely high dv/dt capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com