Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMD26310DJ Datasheet(PDF) 6 Page - International Rectifier

Part # IRMD26310DJ
Description  3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMD26310DJ Datasheet(HTML) 6 Page - International Rectifier

Back Button IRMD26310DJ Datasheet HTML 2Page - International Rectifier IRMD26310DJ Datasheet HTML 3Page - International Rectifier IRMD26310DJ Datasheet HTML 4Page - International Rectifier IRMD26310DJ Datasheet HTML 5Page - International Rectifier IRMD26310DJ Datasheet HTML 6Page - International Rectifier IRMD26310DJ Datasheet HTML 7Page - International Rectifier IRMD26310DJ Datasheet HTML 8Page - International Rectifier IRMD26310DJ Datasheet HTML 9Page - International Rectifier IRMD26310DJ Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
IRMD26310DJ
www.irf.com
© 2008 International Rectifier
6
IRMD26310DJ - Hardware Description
The IRMD26310DJ reference design kit supports the evaluation of the IRS26310DJ which is a high voltage power
MOSFET and IGBT driver with integrated DC Bus overvoltage protection. The reference design is a full-function
unit operating out of 220VAC input. An onboard digital controller IC enables driving an Induction Motor in open-
loop Volts-per-Hertz mode. The included GUI software allows modification of system parameters in order to drive
an induction motor in open-loop Volts-per-Hertz mode and study the IRS26310DJ high voltage gate driver IC by
changing parameters such as PWM frequency and deadtime. In addition to DC Bus overvoltage protection
offered by IRS26310DJ, the reference design is equipped with protection against motor line-to-line and line-to-DC
Bus(-) short by way of IRS26310DJ ITRIP function and also a GUI software controlled motor current limit. The
board includes multiple test points to facilitate monitoring IRS26310DJ input and output signal waveforms and
examining its various features.
Top Level Description
The IRMD26310DJ reference design is composed of the following key blocks:
The Input Stage includes an EMI filter, 8A bridge rectifier and dc bus capacitor rated for 400W continuous
operation. It is noted that IRMD26310DJ does not feature a current limiting fuse.
The Power Inverter uses 6 x IRGIB10K60D1 IGBT power switches mounted on a 1.9
oC/W heatsink. The
IGBTs can be replaced with user preferred power devices but user may need to replace components
such as bridge rectifier & dc bus current shunt to match the device ratings.
The IGBTs in the power inverter stage are driven by the IRS26310DJ Gate Driver and associated circuitry
involving bootstrap capacitors, gate drive timing resistors, and fault diagnostic elements.
The Control Circuitry for driving the motor is based on the IRMCF341 digital control IC. The IRMCF341
control IC has been configured to run an induction motor in the open-loop Volts-per-Hertz mode. The
control IC generates the PWM signals for IRS26310DJ gate driver. The user also has the option to drive
the IRS26310DJ externally by disconnecting the jumpers on connector P1 and bridging in external
connections. The digital IC communicates with a PC over an isolated serial link and the included GUI
software allows the user to set the motor speed and modify common inverter parameters such as
switching frequency and deadtime.
An on-board DC-DC Converter low voltage power supply derives the 15V, 3.3V & 1.8V rails from the
main dc bus.
For more information regarding the other blocks of the reference design, please refer to the detailed schematics.
Figure 1: IRMD26310DJ System Block Diagram


Similar Part No. - IRMD26310DJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMD22141SS IRF-IRMD22141SS Datasheet
1Mb / 22P
   Demo Board For 3-phase / 380V motor drives
IRMD2214SS IRF-IRMD2214SS Datasheet
1Mb / 22P
   For 3-phase / 380V motor drives
IRMD2231Q IRF-IRMD2231Q Datasheet
791Kb / 25P
   Demo Board For 3-phase / 380V motor drives
IRMD22381Q IRF-IRMD22381Q Datasheet
803Kb / 25P
   Optional on-board phase shunt resistors
IRMD2336DJ IRF-IRMD2336DJ Datasheet
3Mb / 27P
   3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
More results

Similar Description - IRMD26310DJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMD2336DJ IRF-IRMD2336DJ Datasheet
3Mb / 27P
   3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
IRMDAC3 IRF-IRMDAC3 Datasheet
97Kb / 9P
   Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
International Rectifier
IRS2336 IRF-IRS2336 Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
logo
International Rectifier
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
logo
International Rectifier
IRS2336D IRF-IRS2336D Datasheet
940Kb / 45P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com