Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP80P06PG Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPP80P06PG
Description  SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP80P06PG Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SPP80P06PG Datasheet HTML 3Page - Infineon Technologies AG SPP80P06PG Datasheet HTML 4Page - Infineon Technologies AG SPP80P06PG Datasheet HTML 5Page - Infineon Technologies AG SPP80P06PG Datasheet HTML 6Page - Infineon Technologies AG SPP80P06PG Datasheet HTML 7Page - Infineon Technologies AG SPP80P06PG Datasheet HTML 8Page - Infineon Technologies AG SPP80P06PG Datasheet HTML 9Page - Infineon Technologies AG SPP80P06PG Datasheet HTML 10Page - Infineon Technologies AG SPP80P06PG Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2009-11-19
Rev 1.4
Page 7
SPP80P06P G
SPB80P06P G
Drain-source on-state resistance
RDS(on) = f (Tj)
parameter :
ID = -64 A, VGS = -10 V
-60
-20
20
60
100
140
°C
200
Tj
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
0.055
0.060
W
0.070
SPP80P06P
typ
98%
Gate threshold voltage
VGS(th) = f (Tj)
parameter:
VGS = VDS, ID = -5.5 mA
-60
-20
20
60
100
140
°C
200
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
2%
-60
-20
20
60
100
140
°C
200
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
typ
-60
-20
20
60
100
140
°C
200
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
98%
-60
-20
20
60
100
140
°C
200
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
Typ. capacitances
C = f (VDS)
parameter:
VGS=0V, f=1 MHz
0
-5
-10
-15
V
-25
VDS
2
10
3
10
4
10
5
10
pF
Ciss
Coss
Crss
Forward characteristics of reverse diode
IF = f (VSD)
parameter:
Tj , tp = 80 µs
0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4 V
-3.0
VSD
0
10
1
10
2
10
3
10
A
SPP80P06P
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 175 °C typ
T
j = 175 °C (98%)


Similar Part No. - SPP80P06PG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPP80P06PG VBSEMI-SPP80P06PG Datasheet
967Kb / 7P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SPP80P06PG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30P06P INFINEON-SPD30P06P_08 Datasheet
557Kb / 10P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 2.3 2008-09-02
SPD18P06P INFINEON-SPD18P06P_08 Datasheet
567Kb / 10P
   SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 3.4 2008-09-02
SPD07N20 INFINEON-SPD07N20_08 Datasheet
830Kb / 10P
   SIPMOS횘 Power Transistor Features N channel Enhancement mode Avalanche rated
Rev. 2.4 2008-09-01
IPD400N06NG INFINEON-IPD400N06NG_08 Datasheet
509Kb / 9P
   OptiMOS짰 Power-Transistor Features N-channel enhancement - normal level Avalanche rated
Rev. 1.3 2008-09-01
logo
Siemens Semiconductor G...
BUZ172 SIEMENS-BUZ172 Datasheet
184Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com