Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2573D Datasheet(PDF) 11 Page - International Rectifier

Part # IRS2573D
Description  HID Ballast for 70W Lamp Using the IRS2573D
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2573D Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS2573D Datasheet HTML 7Page - International Rectifier IRS2573D Datasheet HTML 8Page - International Rectifier IRS2573D Datasheet HTML 9Page - International Rectifier IRS2573D Datasheet HTML 10Page - International Rectifier IRS2573D Datasheet HTML 11Page - International Rectifier IRS2573D Datasheet HTML 12Page - International Rectifier IRS2573D Datasheet HTML 13Page - International Rectifier IRS2573D Datasheet HTML 14Page - International Rectifier IRS2573D Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.irf.com
1
- 11 -
HID lamp with an AC square-wave voltage. The full-bridge begins oscillating at the
programmed frequency immediately when the IC comes out of UVLO Mode and turns
on. The full-bridge is typically driven at a low frequency to prevent acoustic resonances
from damaging the lamp. The full-bridge frequency is programmed with the external
capacitor at the CT pin. CT charges up and down linearly through internal sink and
source currents between a fixed voltage window of 2V and 4V. CT reaching 4V initiates
the toggling of LO1/HO1, and LO2/HO2 respectively (see Figure 5.5). The dead-time is
fixed internally at 1.0us typical. During the dead-time, all full-bridge MOSFETs are off
and the mid-points of each half-bridge are floating or unbiased. Should an external
transient occur during the dead-time due to an ignition voltage pulse, each half-bridge
mid-point (VS1 and VS2 pins) can slew high or low very quickly and exceed the dv/dt
rating of the IC. To prevent this, internal logic guarantees that the IGN pin is set to a
logic ‘low’ during the dead-time. No ignition pulses can occur until the dead-time has
ended and the appropriate full-bridge MOSFETs are turned on. This will guarantee that
the mid-points are biased to the output voltage of the buck or COM before an ignition
pulse occurs. The full-bridge stops oscillating only when the IC enters Fault Mode or
UVLO Mode.
Figure 5.5: Full-bridge timing diagram: CH1 is CT pin voltage, CH2 is LO1 voltage, CH3 is LO2
voltage and CH4 is VS1 pin voltage
5.5 Buck Control
The buck control circuit operates in critical-conduction mode or continuous-conduction
mode depending on the off-time of the buck output or the peak current flowing through
the buck MOSFET (MBUCK).
During normal lamp running conditions, the voltage
across the buck current sensing resistor, as measured by the CS pin, is below the
internal over-current threshold (1.2V typical). The buck on-time is defined by the time it
takes for the internal on-time capacitor to charge up to the voltage level on the PCOMP
pin or ICOMP pin, whichever is lower. During the on-time, the current in the buck


Similar Part No. - IRS2573D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IRS2573D IRF-IRS2573D Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
IRS2573DSPBF IRF-IRS2573DSPBF Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
More results

Similar Description - IRS2573D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLHID2A IRF-IRPLHID2A Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Molex Electronics Ltd.
130114-0004 MOLEX11-130114-0004 Datasheet
23Kb / 1P
   Ballast 70W Metal Halide
logo
STMicroelectronics
STEVAL-ILH004V1 STMICROELECTRONICS-STEVAL-ILH004V1 Datasheet
141Kb / 6P
   70 W electronic ballast for metal halide lamp (HID) based on the L6382D5 and ST7FLITE49K2
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
logo
Sanken electric
SMA2417M SANKEN-SMA2417M Datasheet
113Kb / 1P
   Suitable for inverter element for HID ballast unit
SMA2404M SANKEN-SMA2404M Datasheet
124Kb / 1P
   Suitable for inverter element for HID ballast unit
logo
STMicroelectronics
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
   150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com