Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD640N06LG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPD640N06LG
Description  OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD640N06LG Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPD640N06LG_08 Datasheet HTML 1Page - Infineon Technologies AG IPD640N06LG_08 Datasheet HTML 2Page - Infineon Technologies AG IPD640N06LG_08 Datasheet HTML 3Page - Infineon Technologies AG IPD640N06LG_08 Datasheet HTML 4Page - Infineon Technologies AG IPD640N06LG_08 Datasheet HTML 5Page - Infineon Technologies AG IPD640N06LG_08 Datasheet HTML 6Page - Infineon Technologies AG IPD640N06LG_08 Datasheet HTML 7Page - Infineon Technologies AG IPD640N06LG_08 Datasheet HTML 8Page - Infineon Technologies AG IPD640N06LG_08 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPD640N06L G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
350
470
pF
Output capacitance
C oss
-
94
130
Reverse transfer capacitance
C rss
-35
53
Turn-on delay time
t d(on)
-6
8
ns
Rise time
t r
-25
38
Turn-off delay time
t d(off)
-32
48
Fall time
t f
-32
48
Gate Charge Characteristics
3)
Gate to source charge
Q gs
-
1.4
1.9
nC
Gate charge at threshold
Q g(th)
-
0.5
0.7
Gate to drain charge
Q gd
-
3.6
5.4
Switching charge
Q sw
-
4.5
6.5
Gate charge total
Q g
-10
13
Gate plateau voltage
V plateau
-
4.2
-
V
Output charge
Q oss
V DD=30 V, V GS=0 V
-3
4
Reverse Diode
Diode continous forward current
I S
-
-
18
A
Diode pulse current
I S,pulse
--
72
Diode forward voltage
V SD
V GS=0 V, I F=18 A,
T j=25 °C
-
0.99
1.3
V
Reverse recovery time
t rr
-30
45
ns
Reverse recovery charge
Q rr
-20
30
nC
3) See figure 16 for gate charge parameter definition
V R=30 V, I F=I S,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=30 V,
f =1 MHz
V DD=30 V, V GS=10 V,
I D=15 A, R G=22 Ω
V DD=30 V, I D=18 A,
V GS=0 to 10 V
Rev. 1.
4
page 3
2008-0
9-01


Similar Part No. - IPD640N06LG_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD640N06LG INFINEON-IPD640N06LG Datasheet
352Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.2 1 2006-03-27
logo
VBsemi Electronics Co.,...
IPD640N06LG VBSEMI-IPD640N06LG Datasheet
988Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - IPD640N06LG_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD800N06NG INFINEON-IPD800N06NG_08 Datasheet
524Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev.1.3 2008-09-01
IPD127N06LG INFINEON-IPD127N06LG_08 Datasheet
538Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.2 2008-07-22
IPD350N06LG INFINEON-IPD350N06LG_08 Datasheet
534Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.3 2008-09-01
IPD230N06NG INFINEON-IPD230N06NG_08 Datasheet
520Kb / 9P
   OptiMOS짰 Power-Transistor Features For dc/dc converters and sync. rectification
Rev. 1.2 2008-09-01
IPP050N06NG INFINEON-IPP050N06NG Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.16 2010-01-14
IPB085N06LG INFINEON-IPB085N06LG_10 Datasheet
420Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.05 2010-01-19
IPB065N06LG INFINEON-IPB065N06LG_10 Datasheet
420Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.5 2010-01-18
IPP048N06LG INFINEON-IPP048N06LG_10 Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.15 2010-01-13
IPB037N06N3G INFINEON-IPB037N06N3G Datasheet
484Kb / 11P
   OptiMOS?? Power-Transistor Features for sync. rectification, drives and dc/dc SMPS
Rev. 1.03 2009-12-17
IPB021N06N3G INFINEON-IPB021N06N3G Datasheet
483Kb / 11P
   OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2009-12-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com