Electronic Components Datasheet Search |
|
IPB051NE8NG Datasheet(PDF) 7 Page - Infineon Technologies AG |
|
IPB051NE8NG Datasheet(HTML) 7 Page - Infineon Technologies AG |
7 / 11 page IPB051NE8N G IPI05CNE8N G IPP054NE8N G 13 Avalanche characteristics 14 Typ. gate charge I AS=f(t AV); R GS=25 Ω V GS=f(Q gate); I D=100 A pulsed parameter: T j(start) parameter: V DD 15 Drain-source breakdown voltage 16 Gate charge waveforms V BR(DSS)=f(T j); I D=1 mA 20 V 40 V 60 V 0 2 4 6 8 10 12 0 50 100 150 Q gate [nC] 75 80 85 90 95 100 -60 -20 20 60 100 140 180 T j [°C] V GS Q gate V gs(th) Q g(th) Q gs Q gd Q sw Q g 25 °C 100 °C 150 °C 1 10 100 1000 1 10 100 1000 t AV [µs] Rev. 1.2 page 7 2010-01-14 |
Similar Part No. - IPB051NE8NG |
|
Similar Description - IPB051NE8NG |