Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC152N10NSFG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSC152N10NSFG
Description  OptiMOS?? Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC152N10NSFG Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSC152N10NSFG Datasheet HTML 1Page - Infineon Technologies AG BSC152N10NSFG Datasheet HTML 2Page - Infineon Technologies AG BSC152N10NSFG Datasheet HTML 3Page - Infineon Technologies AG BSC152N10NSFG Datasheet HTML 4Page - Infineon Technologies AG BSC152N10NSFG Datasheet HTML 5Page - Infineon Technologies AG BSC152N10NSFG Datasheet HTML 6Page - Infineon Technologies AG BSC152N10NSFG Datasheet HTML 7Page - Infineon Technologies AG BSC152N10NSFG Datasheet HTML 8Page - Infineon Technologies AG BSC152N10NSFG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BSC152N10NSF G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
bottom
-
-
1.1
K/W
top
-
-
18
R thJA
minimal footprint
-
-
62
6 cm2 cooling area
2)
--
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
100
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=72 µA
234
Zero gate voltage drain current
I DSS
V DS=100 V, V GS=0 V,
T j=25 °C
-
0.01
1
µA
V DS=100 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
1
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=25 A
-
11.7
15.2
m
Gate resistance
R G
-
1.1
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=50 A
25
50
-
S
Values
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Thermal resistance,
junction - ambient
3) see figure 3
1)J-STD20 and JESD22
Rev. 2.08
page 2
2009-11-04


Similar Part No. - BSC152N10NSFG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC152N15LS5 INFINEON-BSC152N15LS5 Datasheet
1Mb / 12P
   MOSFET OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2023-12-13
More results

Similar Description - BSC152N10NSFG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com