Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSL205N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSL205N
Description  OptiMOS2 Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL205N Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSL205N Datasheet HTML 1Page - Infineon Technologies AG BSL205N Datasheet HTML 2Page - Infineon Technologies AG BSL205N Datasheet HTML 3Page - Infineon Technologies AG BSL205N Datasheet HTML 4Page - Infineon Technologies AG BSL205N Datasheet HTML 5Page - Infineon Technologies AG BSL205N Datasheet HTML 6Page - Infineon Technologies AG BSL205N Datasheet HTML 7Page - Infineon Technologies AG BSL205N Datasheet HTML 8Page - Infineon Technologies AG BSL205N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSL205N
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - ambient
R thJA
minimal footprint
(2)
-
-
250
K/W
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS= 0 V, I D= 250 µA
20
-
-
V
Gate threshold voltage
V GS(th)
V DS=VGS, I D=11 µA
0.6
0.95
1.2
Drain-source leakage current
I DSS
V DS=20 V, V GS=0 V,
T j=25 °C
--
1
µA
V DS=20 V, V GS=0 V,
T j=150 °C
-
-
100
Gate-source leakage current
I GSS
V GS=12 V, V DS=0 V
-
-
100
nA
Drain-source on-state resistance
R DS(on)
V GS=2.5 V, I D=1.95 A
-62
85
m
V GS=4.5 V, I D=2.5 A
-39
50
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=2 A
-
8.6
-
S
Values
(2) Performed on 40mm2 FR4 PCB. The traces are 1mm wide, 70µm thick and 20mkm long; they are present on both
sides of the PCB.
Rev 2.2
page 2
2010-03-26


Similar Part No. - BSL205N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL205N INFINEON-BSL205N Datasheet
320Kb / 9P
   OptiMOS짰2 Small-Signal-Transistor
Rev 2.3 2013-11-06
BSL205N INFINEON-BSL205N_13 Datasheet
320Kb / 9P
   OptiMOS짰2 Small-Signal-Transistor
Rev 2.3 2013-11-06
More results

Similar Description - BSL205N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL202SN INFINEON-BSL202SN Datasheet
248Kb / 9P
   OptiMOS2 Small-Signal-Transistor
Rev 1.07 2010-03-26
BSL302SN INFINEON-BSL302SN Datasheet
185Kb / 9P
   OptiMOS2 Small-Signal-Transistor
1.06 2010-03-26
BSR202N INFINEON-BSR202N Datasheet
188Kb / 9P
   OptiMOS2 Small-Signal-Transistor
Rev. 1.07 2010-03-25
BSL302SN INFINEON-BSL302SN_14 Datasheet
349Kb / 9P
   OptiMOS2 Small-Signal-Transistor
2.0 2014-01-09
logo
TY Semiconductor Co., L...
BSS806N TYSEMI-BSS806N Datasheet
160Kb / 3P
   OptiMOS2 Small-Signal-Transistor
logo
Infineon Technologies A...
BSR302N INFINEON-BSR302N Datasheet
188Kb / 9P
   OptiMOS2 Small-Signal-Transistor
Rev. 1.2 2010-03-25
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com