Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI024N06N3G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPI024N06N3G
Description  OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI024N06N3G Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPI024N06N3G Datasheet HTML 1Page - Infineon Technologies AG IPI024N06N3G Datasheet HTML 2Page - Infineon Technologies AG IPI024N06N3G Datasheet HTML 3Page - Infineon Technologies AG IPI024N06N3G Datasheet HTML 4Page - Infineon Technologies AG IPI024N06N3G Datasheet HTML 5Page - Infineon Technologies AG IPI024N06N3G Datasheet HTML 6Page - Infineon Technologies AG IPI024N06N3G Datasheet HTML 7Page - Infineon Technologies AG IPI024N06N3G Datasheet HTML 8Page - Infineon Technologies AG IPI024N06N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IPB021N06N3 G
IPI024N06N3 G
IPP024N06N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
0.6
K/W
Thermal resistance,
R thJA
minimal footprint
-
-
62
junction - ambient
6 cm² cooling area
5)
--
40
Electrical characteristics,
at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
60
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=196 µA
234
Zero gate voltage drain current
I DSS
V DS=60 V, V GS=0 V,
T j=25 °C
-
0.1
3
µA
V DS=60 V, V GS=0 V,
T j=125 °C
-
30
300
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
1
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=100 A
-
2.1
2.4
m
Ω
V GS=10 V, I D=100 A,
(SMD)
-
1.8
2.1
Gate resistance
R G
-
1.3
-
Ω
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=100 A
92
184
-
S
Values
5) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Rev. 2.2
page 2
2009-12-11


Similar Part No. - IPI024N06N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI020N06N INFINEON-IPI020N06N Datasheet
1,021Kb / 2P
   New OptiMOS??40V and 60V
07 / 2012
IPI020N06N INFINEON-IPI020N06N Datasheet
624Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
IPI023NE7N3G INFINEON-IPI023NE7N3G Datasheet
466Kb / 10P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.11 2009-11-11
IPI028N08N3G INFINEON-IPI028N08N3G Datasheet
463Kb / 10P
   OptiMOS짰3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.0 2008-01-25
IPI029N06N INFINEON-IPI029N06N Datasheet
1,021Kb / 2P
   New OptiMOS??40V and 60V
07 / 2012
More results

Similar Description - IPI024N06N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB029N06N3G INFINEON-IPB029N06N3G Datasheet
483Kb / 11P
   OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2009-12-11
IPP100N08N3G INFINEON-IPP100N08N3G Datasheet
501Kb / 11P
   OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2010-01-21
IPA083N10N5 INFINEON-IPA083N10N5 Datasheet
1Mb / 11P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-18
IPP023N08N5 INFINEON-IPP023N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPP034N08N5 INFINEON-IPP034N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPA057N06N3G INFINEON-IPA057N06N3G Datasheet
551Kb / 9P
   Ideal for high frequency switching and sync. rec.
2010-05-03 revision:2.0
BSZ075N08NS5 INFINEON-BSZ075N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec.
Rev.2.1,2014-05-05
BSZ110N08NS5 INFINEON-BSZ110N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2014-05-05
IPP030N10N5 INFINEON-IPP030N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-01-30
IPP027N08N5 INFINEON-IPP027N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com