Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS131 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSS131
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS131 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSS131 Datasheet HTML 1Page - Infineon Technologies AG BSS131 Datasheet HTML 2Page - Infineon Technologies AG BSS131 Datasheet HTML 3Page - Infineon Technologies AG BSS131 Datasheet HTML 4Page - Infineon Technologies AG BSS131 Datasheet HTML 5Page - Infineon Technologies AG BSS131 Datasheet HTML 6Page - Infineon Technologies AG BSS131 Datasheet HTML 7Page - Infineon Technologies AG BSS131 Datasheet HTML 8Page - Infineon Technologies AG BSS131 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSS131
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-58
77
pF
Output capacitance
C oss
-
7.3
10
Reverse transfer capacitance
Crss
-
2.8
4.2
Turn-on delay time
t d(on)
-
3.3
5.0
ns
Rise time
t r
-
3.1
4.6
Turn-off delay time
t d(off)
-
13.7
20
Fall time
t f
-
64.5
97
Gate Charge Characteristics
Gate to source charge
Q gs
-
0.16
0.22
nC
Gate to drain charge
Q gd
-
0.8
1.2
Gate charge total
Q g
-
2.1
3.1
Gate plateau voltage
V plateau
-
2.90
-
V
Reverse Diode
Diode continous forward current
I S
-
-
0.11
A
Diode pulse current
I S,pulse
-
-
0.43
Diode forward voltage
V SD
V GS=0 V, I F=0.1 A,
T j=25 °C
-
0.81
1.2
V
Reverse recovery time
t rr
-
42.9
64.3
ns
Reverse recovery charge
Q rr
-
22.6
34
nC
V R=120 V, I F=0.1 A,
di F/dt =100 A/µs
T A=25 °C
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=120 V,
V GS=10 V, I D=0.1 A,
R G=6 Ω
V DD=192 V, I D=0.1 A,
V GS=0 to 10 V
Rev. 2.
2
page 3
200
9-08-18


Similar Part No. - BSS131

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS131 SIEMENS-BSS131 Datasheet
131Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
logo
Infineon Technologies A...
BSS131 INFINEON-BSS131 Datasheet
229Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 2.0 2004-04-29
BSS131H6327 INFINEON-BSS131H6327 Datasheet
444Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.6 2012-03-29
BSS131L6327 INFINEON-BSS131L6327 Datasheet
210Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.4 2011-06-07
More results

Similar Description - BSS131

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com