Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA210404FL Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTMA210404FL
Description  Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA210404FL Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTMA210404FL Datasheet HTML 5Page - Infineon Technologies AG PTMA210404FL Datasheet HTML 6Page - Infineon Technologies AG PTMA210404FL Datasheet HTML 7Page - Infineon Technologies AG PTMA210404FL Datasheet HTML 8Page - Infineon Technologies AG PTMA210404FL Datasheet HTML 9Page - Infineon Technologies AG PTMA210404FL Datasheet HTML 10Page - Infineon Technologies AG PTMA210404FL Datasheet HTML 11Page - Infineon Technologies AG PTMA210404FL Datasheet HTML 12Page - Infineon Technologies AG PTMA210404FL Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet
10 of 13
Rev. 04, 2009-06-16
PTMA210404FL
Confidential, Limited Internal Distribution
Application Examples
Out
Single - ended
Doherty
Quadrature Combined
Push-pull
Out
Out
Out
Out
In
In
In
In
In
90º


Similar Part No. - PTMA210404FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA210452EL INFINEON-PTMA210452EL Datasheet
387Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Rev. 06, 2009-09-01
PTMA210452FL INFINEON-PTMA210452FL Datasheet
387Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Rev. 06, 2009-09-01
More results

Similar Description - PTMA210404FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
PTMA180402EL INFINEON-PTMA180402EL Datasheet
443Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31
PTMA180402M INFINEON-PTMA180402M Datasheet
352Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17
logo
Cree, Inc
PTMA210152M CREE-PTMA210152M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
PTMA180402M CREE-PTMA180402M Datasheet
1Mb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 28 V, 1800 ??2100 MHz
logo
Infineon Technologies A...
PTMA210452EL INFINEON-PTMA210452EL Datasheet
387Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Rev. 06, 2009-09-01
PTMA180402M INFINEON-PTMA180402M_11 Datasheet
494Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifi er 40 W, 28 V, 1800 . 2100 MHz
Rev. 08, 2011-08-10
PTMA080304M INFINEON-PTMA080304M Datasheet
674Kb / 16P
   Dual Wideband RF LDMOS Power Amplifier 30 W, 700-1000 MHz
Rev. 02, 2010-06-02
logo
Cree, Inc
PTNC210604MD CREE-PTNC210604MD Datasheet
1Mb / 6P
   Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 ??2200 MHz
logo
WOLFSPEED, INC.
PTNC210604MD WOLFSPEED-PTNC210604MD Datasheet
748Kb / 9P
   Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 – 2200 MHz
Rev. 03.5, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com