Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKP06N60 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SKP06N60
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKP06N60 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SKP06N60_07 Datasheet HTML 1Page - Infineon Technologies AG SKP06N60_07 Datasheet HTML 2Page - Infineon Technologies AG SKP06N60_07 Datasheet HTML 3Page - Infineon Technologies AG SKP06N60_07 Datasheet HTML 4Page - Infineon Technologies AG SKP06N60_07 Datasheet HTML 5Page - Infineon Technologies AG SKP06N60_07 Datasheet HTML 6Page - Infineon Technologies AG SKP06N60_07 Datasheet HTML 7Page - Infineon Technologies AG SKP06N60_07 Datasheet HTML 8Page - Infineon Technologies AG SKP06N60_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SKP06N60
SKA06N60
5
Rev. 2.3
Sep 07
0V
1V
2V
3V
4V
5V
0A
5A
10A
15A
20A
15V
13V
11V
9V
7V
5V
V
GE=20V
0V
1V
2V
3V
4V
5V
0A
5A
10A
15A
20A
15V
13V
11V
9V
7V
5V
V
GE=20V
VCE, COLLECTOR-EMITTER VOLTAGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 5. Typical output characteristics
(Tj = 25°C)
Figure 6. Typical output characteristics
(Tj = 150°C)
0V
2V
4V
6V
8V
10V
0A
2A
4A
6A
8A
10A
12A
14A
16A
18A
20A
-55°C
+150°C
T
j=+25°C
-50°C
0°C
50°C
100°C 150°C
1.0V
1.5V
2.0V
2.5V
3.0V
3.5V
4.0V
VGE, GATE-EMITTER VOLTAGE
Tj, JUNCTION TEMPERATURE
Figure 7. Typical transfer characteristics
(VCE = 10V)
Figure 8. Typical collector-emitter
saturation voltage as a function of junction
temperature
(VGE = 15V)
IC = 6A
IC = 12A


Similar Part No. - SKP06N60_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP06N60 INFINEON-SKP06N60 Datasheet
278Kb / 13P
   Fast S-IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-0
SKP06N60 INFINEON-SKP06N60 Datasheet
459Kb / 15P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
More results

Similar Description - SKP06N60_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com