Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKP06N60 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SKP06N60
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKP06N60 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SKP06N60 Datasheet HTML 4Page - Infineon Technologies AG SKP06N60 Datasheet HTML 5Page - Infineon Technologies AG SKP06N60 Datasheet HTML 6Page - Infineon Technologies AG SKP06N60 Datasheet HTML 7Page - Infineon Technologies AG SKP06N60 Datasheet HTML 8Page - Infineon Technologies AG SKP06N60 Datasheet HTML 9Page - Infineon Technologies AG SKP06N60 Datasheet HTML 10Page - Infineon Technologies AG SKP06N60 Datasheet HTML 11Page - Infineon Technologies AG SKP06N60 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SKP06N60
SKA06N60
8
Rev. 2.3
Sep 07
0nC
15nC
30nC
45nC
0V
5V
10V
15V
20V
25V
480V
120V
0V
10V
20V
30V
10pF
100pF
1nF
C
rss
C
oss
C
iss
QGE, GATE CHARGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 16. Typical gate charge
(IC = 6A)
Figure 17. Typical capacitance as a
function of collector-emitter voltage
(VGE = 0V, f = 1MHz)
10V
11V
12V
13V
14V
15V
0
µs
5
µs
10
µs
15
µs
20
µs
25
µs
10V
12V
14V
16V
18V
20V
0A
20A
40A
60A
80A
100A
VGE, GATE-EMITTER VOLTAGE
VGE, GATE-EMITTER VOLTAGE
Figure 18. Short circuit withstand time as a
function of gate-emitter voltage
(VCE = 600V, start at Tj = 25°C)
Figure 19. Typical short circuit collector
current as a function of gate-emitter voltage
(VCE ≤ 600V, Tj = 150°C)


Similar Part No. - SKP06N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP06N60 INFINEON-SKP06N60 Datasheet
278Kb / 13P
   Fast S-IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-0
SKP06N60 INFINEON-SKP06N60 Datasheet
459Kb / 15P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
More results

Similar Description - SKP06N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com