Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS244Z Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS244Z
Description  Speed TEMPFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS244Z Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS244Z_09 Datasheet HTML 1Page - Infineon Technologies AG BTS244Z_09 Datasheet HTML 2Page - Infineon Technologies AG BTS244Z_09 Datasheet HTML 3Page - Infineon Technologies AG BTS244Z_09 Datasheet HTML 4Page - Infineon Technologies AG BTS244Z_09 Datasheet HTML 5Page - Infineon Technologies AG BTS244Z_09 Datasheet HTML 6Page - Infineon Technologies AG BTS244Z_09 Datasheet HTML 7Page - Infineon Technologies AG BTS244Z_09 Datasheet HTML 8Page - Infineon Technologies AG BTS244Z_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Speed TEMPFET
BTS244Z
Data Sheet
4
Rev.1.3, 2009-12-04
Electrical Characteristics
Parameter
Symbol
Values
Unit
at
Tj = 25°C, unless otherwise specified
min.
typ.
max.
Dynamic Characteristics
Forward transconductance
VDS>2*ID*RDS(on)max , ID = 35 A
gfs
25
-
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
2130
2660
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
600
750
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
320
400
Turn-on delay time
VDD = 30 V, VGS = 4.5 V, ID = 47 A,
RG = 2.2
td(on)
-
15
25
ns
Rise time
VDD = 30 V, VGS = 4.5 V, ID = 47 A,
RG = 2.2
tr
-
70
105
Turn-off delay time
VDD = 30 V, VGS = 4.5 V, ID = 47 A,
RG = 2.2
td(off)
-
40
60
Fall time
VDD = 30 V, VGS = 4.5 V, ID = 47 A,
RG = 2.2
tf
-
25
40
Gate Charge Characteristics
Gate charge at threshold
VDD = 40 V,
ID = 0.1 A, VGS = 0 to 1 V
Qg(th)
-
2.5
3.8
nC
Gate charge at 5.0 V
VDD = 40 V, ID = 47 A, VGS = 0 to 5 V
Qg(5)
-
50
75
Gate charge total
VDD = 40 V,
ID = 47 A, VGS = 0 to 10 V
Qg(total)
-
85
130
Gate plateau voltage
VDD = 40 V,
ID = 47 A
V(plateau)
-
4.5
-
V


Similar Part No. - BTS244Z_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS244Z INFINEON-BTS244Z Datasheet
274Kb / 12P
   Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
2000-05-17
More results

Similar Description - BTS244Z_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS247Z INFINEON-BTS247Z_09 Datasheet
312Kb / 14P
   Speed TEMPFET
Rev.1.3, 2009-12-04
BTS282Z INFINEON-BTS282Z_09 Datasheet
408Kb / 14P
   Speed TEMPFET
Rev.1.2, 2009-07-31
BTS247Z INFINEON-BTS247Z Datasheet
273Kb / 12P
   Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
2000-05-17
BTS244Z INFINEON-BTS244Z Datasheet
274Kb / 12P
   Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
2000-05-17
BTS282Z INFINEON-BTS282Z Datasheet
270Kb / 12P
   Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
2000-09-11
BTS112A INFINEON-BTS112A Datasheet
579Kb / 10P
   TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS120 INFINEON-BTS120 Datasheet
445Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
BTS130 INFINEON-BTS130 Datasheet
468Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
logo
Siemens Semiconductor G...
BTS240A SIEMENS-BTS240A Datasheet
327Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS129 SIEMENS-BTS129 Datasheet
264Kb / 8P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com